Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZFSC-6-1 Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części ZFSC-6-1
Szczegółowy opis  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFSC-6-1 Arkusz danych(HTML) 1 Page - Mini-Circuits

  ZFSC-6-1 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
Typical Performance Data
Electrical Specifications
Maximum Ratings
Coaxial Connections
SUM PORT
S
PORT 1,2,3,4,5,6
1,2,3,4,5,6
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.5W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
ZFSC-6-1+
6 Way-0°
50Ω
1 to 175 MHz
Power Splitter/Combiner
REV. E
M151107
ZFSC-6-1+
HY/TD/CP/AM
151020
Coaxial
A
B
C
D
E
FG
H
4.06
1.60
1.57
3.56
.24
.88
.36
.160
103.12
40.64
39.88
90.42
6.10
22.35
9.14
4.06
J
K
L
M
N
P
Q
wt
.43
.69
.58
.66
3.13
.8
.125 grams
10.92
17.53
14.73
16.76
79.50
20.32
3.18
190.0
CASE STYLE: Q28
Connectors Model
BNC
ZFSC-6-1+
SMA
ZFSC-6-1-S+
Features
• low insertion loss, 0.75 dB typ.
• good isolation, 26 dB typ.
• rugged shielded case
Applications
• VHF
• receivers and transmitters
electrical schematic
8.0
8.2
8.4
8.6
8.8
9.0
0
35
70
105
140
175
FREQUENCY (MHz)
ZFSC-6-1+
TOTAL LOSS
S-1(dB)
S-3(dB)
S-5(dB)
10
20
30
40
50
60
70
80
0
35
70
105
140
175
FREQUENCY (MHz)
ZFSC-6-1+
ISOLATION
1-2(dB)
1-3(dB)
1-6(dB)
1.0
1.1
1.2
1.3
1.4
1.5
0
35
70
105
140
175
FREQUENCY (MHz)
ZFSC-6-1+
VSWR
#S VSWR
#1 VSWR
#3 VSWR
BNC version shown
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 7.8dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
1
VSWR
3
S-1
S-2
S-3
1-2
1-3
1-6
1.00
8.08
8.08
8.09
0.03
46.12
47.26
45.41
0.06
1.07
1.08
1.08
5.00
8.19
8.19
8.20
0.03
39.73
39.76
45.89
0.06
1.08
1.04
1.04
8.00
8.22
8.23
8.23
0.03
38.61
38.66
45.69
0.07
1.09
1.04
1.04
13.00
8.26
8.25
8.26
0.03
37.46
37.56
45.47
0.24
1.10
1.04
1.04
22.00
8.29
8.29
8.30
0.03
35.88
36.04
44.79
0.24
1.12
1.02
1.02
34.00
8.32
8.33
8.32
0.03
34.07
34.26
44.03
0.38
1.15
1.02
1.02
52.00
8.38
8.37
8.37
0.03
31.86
32.09
42.63
0.61
1.18
1.02
1.03
70.00
8.40
8.39
8.39
0.02
30.17
30.40
41.57
0.74
1.21
1.03
1.03
88.00
8.45
8.45
8.42
0.03
28.88
29.12
40.56
0.93
1.23
1.03
1.04
93.25
8.47
8.47
8.45
0.03
28.55
28.80
40.28
1.01
1.23
1.03
1.04
103.00
8.51
8.51
8.47
0.04
28.02
28.28
39.85
1.12
1.23
1.02
1.03
119.00
8.51
8.52
8.48
0.04
27.29
27.54
39.19
1.32
1.24
1.01
1.02
143.00
8.53
8.54
8.48
0.06
26.48
26.77
38.49
1.46
1.26
1.01
1.01
167.00
8.61
8.62
8.55
0.08
25.94
26.24
37.97
1.76
1.27
1.03
1.02
175.00
8.66
8.67
8.59
0.08
25.82
26.13
37.80
1.91
1.26
1.03
1.03
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U= upper range [f
U/2 to fU]
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 7.8 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
VSWR
(:1)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
S
OUT
Typ. Min. Typ. Min. Typ. Min. Typ. Max. Typ. Max. Typ. Max. Max. Max. Max. Max. Max. Max. Typ. Max. Typ. Max.
1-175
27
22
26
20
26
20 0.75 1.0 0.75 1.2
0.8
1.2
2
6
12
0.2
0.4
0.6


Podobny numer części - ZFSC-6-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
ZFSC-6-1-75 MINI-ZFSC-6-1-75 Datasheet
231Kb / 1P
   Power Splitter/Combiner
ZFSC-6-1-75++ MINI-ZFSC-6-1-75+ Datasheet
231Kb / 1P
   Power Splitter/Combiner
ZFSC-6-110 MINI-ZFSC-6-110 Datasheet
220Kb / 1P
   Power Splitter/Combiner
ZFSC-6-110-S MINI-ZFSC-6-110-S Datasheet
220Kb / 1P
   Power Splitter/Combiner
More results

Podobny opis - ZFSC-6-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com