Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZMSW-1111 Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części ZMSW-1111
Szczegółowy opis  Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZMSW-1111 Arkusz danych(HTML) 1 Page - Mini-Circuits

  ZMSW-1111 Datasheet HTML 1Page - Mini-Circuits ZMSW-1111 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Outline Dimensions (
)
inch
mm
Maximum Ratings
Features
• UHF/VHF
• satellite communicatons
• antenna switching
• test set-ups
• wideband, 10 to 2500 MHz
• good isolation, 35 dB typ.
Applications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power
+20 dBm
Control Current
5mA
CASE STYLE: JJ77
Outline Drawing
ZMSW-1111
L= low range(f
L to 10 fL)
M=mid range(10 f
L to fU/2)
U=upper range (f
U/2 to fU)
lw=low band (f
L to fU/2)
Electrical Specifications
MODEL
NO.
FREQ.
(MHz)
INSERTION LOSS
(dB)
IN-OUT ISOLATION
(dB)
Low band
lw
Upper band
U
Frequency Band
L
M
U
fL
fU
Typ.
Max.
Typ.
Max.
Typ.
Min.
Typ.
Min.
Typ.
Min.
ZMSW-1111
10
2500
1.1
1.9
1.9
2.7
50
45
35
28
28
22
Additional Specifications
VSWR ("ON" STATE)
1.7 Max
SWITCHING TIME (µSEC)
RISE TIME (µSEC)
4 Max.
2 Typ.
CONTROL VOLTAGE
ON condition
OFF condition
+5V
0V
1 dB COMPRESSION
10 to 200 MHz
Above 200 MHz
+6 increasing to +19
dBm
+19 dBm min.
Coaxial/Pin Connections
RF IN
COM
RF OUT 2
RF-2
CONTROL 1
1
CONTROL 2
2
Switch
50
W SPST Pin Diode Reflective 10 to 2500 MHz
LOGIC
CON-
TROL 1
CON-
TROL 2
RF-2
State 1:
0V
+5V
ON
State 2:
+5V
0V
OFF*
*Absorptive at RF IN
Connectors
Model
SMA
ZMSW-1111
A
B
C
D
E
FG
H
J
1.50
1.13
.97
.50
.155
2.345
.14
.850
2.50
38.10
28.70
24.64
12.70
3.94
59.56
3.56
21.59
63.50
K
L
M
NP
Q
RS
T
wt
.10
.44
.75
.63
.54
.37
.43
.150
.73
grams
2.54
11.18
19.05
16.00
13.72
9.40
10.92
3.81
18.54
50.0
Electrical Schematic
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Coaxial
REV. B
M158212
ZMSW-1111
WP/CP/AM
160923
Page 1 of 2
Permanent damage may occur if any of these limits are exceeded.


Podobny numer części - ZMSW-1111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
ZMSW-1211 MINI-ZMSW-1211 Datasheet
198Kb / 2P
   Switch
More results

Podobny opis - ZMSW-1111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
   SWITCH
c
logo
Mini-Circuits
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
   Switch
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
   Switch
ZMSW-1211 MINI-ZMSW-1211 Datasheet
198Kb / 2P
   Switch
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750_15 Datasheet
450Kb / 10P
   Switch
logo
Lucky Light Electronic
PE4256 LUCKY-LIGHT-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4268 LUCKY-LIGHT-PE4268_15 Datasheet
308Kb / 10P
   Switch
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270_15 Datasheet
428Kb / 8P
   Switch
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com