Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM16706SP Arkusz danych(PDF) 6 Page - SamHop Microelectronics Corp.

Numer części SM16706SP
Szczegółowy opis  16-BIT CONSTANT CURRENT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16706SP Arkusz danych(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SM16706SP Datasheet HTML 2Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 3Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ELECTRICAL CHARACTERISTICS (VDD = 5.0V, Ta = 25oC unless otherwise noted)
SM16706P/SP/F/FN
SAMHOP Microelectronics Corp.
16-BIT CONSTANT CURRENT LED DRIVER
Page 6
V2.0 MAY,2003
Supply Voltage Regulation
% / VDD
Symbol
VIH
VIL
VOL
VOH
IOL1
IOL2
RIN (up)
RIN (down)
IDD (off) 1
IDD (off) 2
IDD (off) 3
IDD (on) 1
VDD (on) 2
IOH
Characteristic
Input
Voltage
"H" Level
"L" Level
Output
Voltage
SERIAL-OUT
Output Current 1
Current Skew
Output Current 2
Current Skew
Pull-Up Resistor
Pull-Down Resistor
Supply
Current
"OFF"
"ON"
Output Leakage Current
IOL1
IOL3
Condition
Min.
Typ.
Max.
Unit
V
0.7
VDD
GND
VDD
0.3
VDD
IOL = 1.0mA
V
0.4
4.6
IOH = -1.0mA
mA
REXT = 470Ω
(Include skew)
±
1.5
±
4.0
IOUT = 40mA
VCE = 0.4V
%
REXT = 470Ω
mA
REXT = 240Ω
(Include skew)
±
1.5
±
4.0
IOUT = 75mA
VCE = 0.7V
%
REXT = 240Ω
150
300
600
100
200
400
R
EXT =OPEN, OUT0 ~ 15 = off
0.9
1.5
mA
R
EXT =470Ω, OUT0 ~ 15 = off
3.5
4.6
8.0
R
EXT =240Ω, OUT0 ~ 15 = off
6.5
8.0
15.0
R
EXT =470Ω, OUT0 ~ 15 = on
7.0
9.3
18.0
R
EXT =240Ω, OUT0 ~ 15 = on
10.0
18.0
32.0
REXT = 470Ω, Ta = -40 ~ 85oC
2.5
5.0
% / V
VOH = 15.0V
10
μ
A
VCE = 0.7V
VCE = 0.7V
IOL2
34.1
40.0
45.9
33.7
39.5
45.3
66.3
75.0
89.7
VCE = 0.4V


Podobny numer części - SM16706SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705F SAMHOP-SM16705F Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705FN SAMHOP-SM16705FN Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705P SAMHOP-SM16705P Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
More results

Podobny opis - SM16706SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com