Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE23TP Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLPGE23TP
Szczegółowy opis  TOSHIBA InGaALP LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGE23TP Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLPGE23TP Datasheet HTML 1Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 2Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 3Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 4Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 5Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 6Page - Toshiba Semiconductor TLPGE23TP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLPGE23TP,TLFGE23TP,TLGE23TP,TLPYE23TP
2002-01-18
1
TOSHIBA InGaAℓP LED
TLPGE23TP,TLFGE23TP,TLGE23TP,TLPYE23TP
Panel Circuit Indicator
· 5 mm package
· InGaAℓP technology
· All plastic mold type
· Transparent lens
· Line-up: 3 colors (pure green, green, pure yellow)
· High intensity light emission
· Excellent low current light output
· Stopper lead type is also available
TLPGE23T, TLFGE23T, TLGE23T, TLPYE23T
· Applications: traffic signals, safety equipment, etc.
Line-up
Product Name
Color
Material
TLPGE23TP
Pure Green
TLFGE23TP
Green
TLGE23TP
Green
TLPYE23TP
Pure Yellow
P
InGaA
l
Maximum Ratings (Ta
==== 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLPGE23TP
50
4
120
TLFGE23TP
50
4
120
TLGE23TP
50
4
120
TLPYE23TP
50
4
120
-40~100
-40~120
Unit: mm
JEDEC
JEITA
TOSHIBA
Weight: 0.31 g


Podobny numer części - TLPGE23TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
388Kb / 7P
   TOSHIBA InGaA?밣 LED
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
217Kb / 7P
   Panel Circuit Indicator
TLPGE23TPF TOSHIBA-TLPGE23TPF Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPGE23TPF TOSHIBA-TLPGE23TPF Datasheet
217Kb / 7P
   Panel Circuit Indicator
More results

Podobny opis - TLPGE23TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLGE53T TOSHIBA-TLGE53T Datasheet
221Kb / 12P
   TOSHIBA InGaALP LED
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
TLSU180P TOSHIBA-TLSU180P Datasheet
142Kb / 6P
   TOSHIBA InGaALP LED
TLGU53C TOSHIBA-TLGU53C Datasheet
184Kb / 9P
   TOSHIBA InGaAlP LED
TLOU262 TOSHIBA-TLOU262 Datasheet
164Kb / 6P
   TOSHIBA InGaALP LED
TLSU160 TOSHIBA-TLSU160 Datasheet
144Kb / 6P
   TOSHIBA InGaALP LED
TLSU124 TOSHIBA-TLSU124 Datasheet
255Kb / 6P
   TOSHIBA INGAALP LED
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLYH190P TOSHIBA-TLYH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Yellow Light Emission
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com