Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPYE23TP Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLPYE23TP
Szczegółowy opis  TOSHIBA InGaALP LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPYE23TP Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLPYE23TP Datasheet HTML 1Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 2Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 3Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 4Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 5Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 6Page - Toshiba Semiconductor TLPYE23TP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLPGE23TP,TLFGE23TP,TLGE23TP,TLPYE23TP
2002-01-18
2
Electrical and Optical Characteristics (Ta
==== 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
ld
lP
Dl
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLPGE23TP
558
(562)
14
20
850
3000
20
2.1
2.4
20
50
4
TLFGE23TP
565
(568)
15
20
1530
5000
20
2.0
2.4
20
50
4
TLGE23TP
571
(574)
17
20
2720
7000
20
2.0
2.4
20
50
4
TLPYE23TP
580
(583)
14
20
2720
8000
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
mA
V
Precautions
Please be careful of the following:
· Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 2 mm from the body of the device)
· If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
· This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.


Podobny numer części - TLPYE23TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPYE23TP TOSHIBA-TLPYE23TP Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPYE23TP TOSHIBA-TLPYE23TP Datasheet
388Kb / 7P
   TOSHIBA InGaA?밣 LED
TLPYE23TP TOSHIBA-TLPYE23TP Datasheet
217Kb / 7P
   Panel Circuit Indicator
TLPYE23TPF TOSHIBA-TLPYE23TPF Datasheet
206Kb / 7P
   Panel Circuit Indicator
TLPYE23TPF TOSHIBA-TLPYE23TPF Datasheet
217Kb / 7P
   Panel Circuit Indicator
More results

Podobny opis - TLPYE23TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLGE53T TOSHIBA-TLGE53T Datasheet
221Kb / 12P
   TOSHIBA InGaALP LED
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
TLSU180P TOSHIBA-TLSU180P Datasheet
142Kb / 6P
   TOSHIBA InGaALP LED
TLGU53C TOSHIBA-TLGU53C Datasheet
184Kb / 9P
   TOSHIBA InGaAlP LED
TLOU262 TOSHIBA-TLOU262 Datasheet
164Kb / 6P
   TOSHIBA InGaALP LED
TLSU160 TOSHIBA-TLSU160 Datasheet
144Kb / 6P
   TOSHIBA InGaALP LED
TLSU124 TOSHIBA-TLSU124 Datasheet
255Kb / 6P
   TOSHIBA INGAALP LED
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLYH190P TOSHIBA-TLYH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Yellow Light Emission
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com