Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEP34D Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC100LVEP34D
Szczegółowy opis  2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP34D Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC100LVEP34D Datasheet HTML 2Page - ON Semiconductor MC100LVEP34D Datasheet HTML 3Page - ON Semiconductor MC100LVEP34D Datasheet HTML 4Page - ON Semiconductor MC100LVEP34D Datasheet HTML 5Page - ON Semiconductor MC100LVEP34D Datasheet HTML 6Page - ON Semiconductor MC100LVEP34D Datasheet HTML 7Page - ON Semiconductor MC100LVEP34D Datasheet HTML 8Page - ON Semiconductor MC100LVEP34D Datasheet HTML 9Page - ON Semiconductor MC100LVEP34D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC100LVEP34
http://onsemi.com
6
Table 8. AC CHARACTERISTICS VCC= 0 V; VEE= −3.8 V to −2.375 V or VCC= 2.375 V to 3.8 V; VEE= 0 V (Note 14)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
(See Figure 4. Fmax/JITTER)
2.8
2.8
2.8
GHz
tPLH
tPHL
Propagation
CLK to Q0, Q1, Q2
Delay to Output
MR to Q
550
500
650
600
750
700
600
550
700
650
800
750
650
600
750
700
850
800
ps
tJITTER
Cycle−to−Cycle Jitter
(See Figure 4. Fmax/JITTER)
< 1
< 1
< 1
ps
tS
Setup Time EN
150
50
150
50
150
50
ps
tH
Hold Time EN
200
100
200
100
200
100
ps
tRR
Set/Reset Recovery
300
200
300
200
300
200
ps
VPP
Input Swing (Note 15)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
90
170
200
100
180
250
120
200
280
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
15.VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈40.


Podobny numer części - MC100LVEP34D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEP34D ONSEMI-MC100LVEP34D Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DG ONSEMI-MC100LVEP34DG Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DG ONSEMI-MC100LVEP34DG Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC100LVEP34DR2 ONSEMI-MC100LVEP34DR2 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DR2G ONSEMI-MC100LVEP34DR2G Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
More results

Podobny opis - MC100LVEP34D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
logo
Freescale Semiconductor...
MC100ES6139 FREESCALE-MC100ES6139 Datasheet
241Kb / 12P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
MC100ES6039 FREESCALE-MC100ES6039 Datasheet
236Kb / 8P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com