Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST083S04PFN0 Arkusz danych(PDF) 8 Page - International Rectifier

Numer części ST083S04PFN0
Szczegółowy opis  INVERTER GRADE THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST083S04PFN0 Arkusz danych(HTML) 8 Page - International Rectifier

  ST083S04PFN0 Datasheet HTML 1Page - International Rectifier ST083S04PFN0 Datasheet HTML 2Page - International Rectifier ST083S04PFN0 Datasheet HTML 3Page - International Rectifier ST083S04PFN0 Datasheet HTML 4Page - International Rectifier ST083S04PFN0 Datasheet HTML 5Page - International Rectifier ST083S04PFN0 Datasheet HTML 6Page - International Rectifier ST083S04PFN0 Datasheet HTML 7Page - International Rectifier ST083S04PFN0 Datasheet HTML 8Page - International Rectifier ST083S04PFN0 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ST083S Series
Fig. 13 - Frequency Characteristics
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
1E1
1E2
1E3
1E4
1E11E2
1E31E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
2000
3000
200
500
Snub ber circuit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Sinusoidal pulse
T = 60°C
C
1E4
tp
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Ba sewid th (µs)
1000
1500
2000
3000
200
500
Snubb er circ uit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Sinusoidal pulse
T = 85°C
C
tp
1E1
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
1000
1500
2000
3000
200
500
Snub ber c ircuit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Trapezoid al pulse
T = 60°C
di/ dt = 50A/ µs
C
Pulse Basewidth (µs)
tp
1E41E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
2000
200
500
Snubber circuit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Trapezoidal p ulse
T = 85°C
di/dt = 50A/µs
C
tp
1E1
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
400
2500
100
1000
1500
2000
3000
200
500
Snubber circuit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Trapezoidal pulse
T = 60°C
di/dt = 100A/ µs
C
Pulse Basewidth (µs)
tp
1E4
50 Hz
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
2000
200
500
Snubber circuit
R = 22 ohms
C
= 0.15 µF
V
= 80%V
s
s
D
DRM
ST083SSeries
Trapezoidal pulse
T = 85°C
di/ dt = 100A/ µs
C
tp
1E1
To Order
Next Data Sheet
Index
Previous Datasheet


Podobny numer części - ST083S04PFN0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
ST083S12PFN0PBF VISHAY-ST083S12PFN0PBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
ST083S12PFN1PBF VISHAY-ST083S12PFN1PBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
More results

Podobny opis - ST083S04PFN0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST303S04PFN0P VISHAY-VS-ST303S04PFN0P Datasheet
309Kb / 11P
   Inverter Grade Thyristors
Revision: 08-Jul-14
logo
International Rectifier
ST173CPBF IRF-ST173CPBF Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST333C04CFL0 VISHAY-VS-ST333C04CFL0 Datasheet
279Kb / 11P
   Inverter Grade Thyristors
Revision: 20-Dec-13
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
   Inverter Grade Thyristors
Revision: 02-Jun-15
VS-ST183S08PFL0P VISHAY-VS-ST183S08PFL0P Datasheet
1Mb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
   Inverter Grade Thyristors
Revision: 26-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com