Zakładka z wyszukiwarką danych komponentów |
|
ST083S10PFN1 Arkusz danych(PDF) 1 Page - International Rectifier |
|
ST083S10PFN1 Arkusz danych(HTML) 1 Page - International Rectifier |
1 / 9 page Features All diffused design Center amplifying gate Guaranteed high dv/dt Guaranteed high di/dt High surge current capability Low thermal impedance High speed performance Typical Applications Inverters Choppers Induction heating All types of force-commutated converters I T(AV) 85 A @ T C 85 °C I T(RMS) 135 A I TSM @ 50Hz 2450 A @ 60Hz 2560 A I2t@ 50Hz 30 KA2s @ 60Hz 27 KA2s V DRM /V RRM 400 to 1200 V t q range (*) 10 to 30 µs T J - 40 to 125 °C Parameters ST083S Units Major Ratings and Characteristics (*) t q = 10 to 20µs for 400 to 800V devices t q = 15 to 30µs for 1000 to 1200V devices case style TO-209AC (TO-94) ST083S SERIES INVERTER GRADE THYRISTORS Stud Version 85A Bulletin I25185/B Next Data Sheet Index Previous Datasheet To Order |
Podobny numer części - ST083S10PFN1 |
|
Podobny opis - ST083S10PFN1 |