Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST083S08PFK1 Arkusz danych(PDF) 7 Page - International Rectifier

Numer części ST083S08PFK1
Szczegółowy opis  INVERTER GRADE THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST083S08PFK1 Arkusz danych(HTML) 7 Page - International Rectifier

  ST083S08PFK1 Datasheet HTML 1Page - International Rectifier ST083S08PFK1 Datasheet HTML 2Page - International Rectifier ST083S08PFK1 Datasheet HTML 3Page - International Rectifier ST083S08PFK1 Datasheet HTML 4Page - International Rectifier ST083S08PFK1 Datasheet HTML 5Page - International Rectifier ST083S08PFK1 Datasheet HTML 6Page - International Rectifier ST083S08PFK1 Datasheet HTML 7Page - International Rectifier ST083S08PFK1 Datasheet HTML 8Page - International Rectifier ST083S08PFK1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ST083S Series
Fig. 9 - Reverse Recovered Charge Characteristics
Fig. 10 - Reverse Recovery Current Characteristics
Fig. 7 - On-state Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC
Characteristic
Fig. 5 - Maximum Non-repetitive Surge Current
Fig. 6 - Maximum Non-repetitive Surge Current
1000
1200
1400
1600
1800
2000
2200
1
10
100
Number Of Equal Amplitude Ha lf Cyc le Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST083SSeries
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
1000
1200
1400
1600
1800
2000
2200
2400
2600
0.01
0.1
1
Pulse Train Duration (s)
VersusPulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST083SSeries
Maximum Non Repetitive Surge Current
100
1000
10000
1 1.5 2 2.533.544.555.566.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST083SSeries
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
ST083SSeries
Steady State Value
R
= 0.195 K/ W
(DC Operation)
thJC
10
20
30
40
50
60
70
80
90
100
110
120
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of Forward Current - di/ dt (A/µs)
ST083SSeries
T = 125 °C
I
= 500 A
300 A
200 A
J
100 A
50 A
TM
20
40
60
80
100
120
140
160
10
20
30
40
50
60
70
80
90 100
ST083SSeries
T = 125 °C
I
= 500 A
300 A
200 A
J
100 A
50 A
Rate Of Fall Of On-state Current - di/d t (A/ µs)
TM
To Order
Next Data Sheet
Index
Previous Datasheet


Podobny numer części - ST083S08PFK1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
ST083S12PFN0PBF VISHAY-ST083S12PFN0PBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
ST083S12PFN1PBF VISHAY-ST083S12PFN1PBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
More results

Podobny opis - ST083S08PFK1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST303S04PFN0P VISHAY-VS-ST303S04PFN0P Datasheet
309Kb / 11P
   Inverter Grade Thyristors
Revision: 08-Jul-14
logo
International Rectifier
ST173CPBF IRF-ST173CPBF Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST333C04CFL0 VISHAY-VS-ST333C04CFL0 Datasheet
279Kb / 11P
   Inverter Grade Thyristors
Revision: 20-Dec-13
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
   Inverter Grade Thyristors
Revision: 02-Jun-15
VS-ST183S08PFL0P VISHAY-VS-ST183S08PFL0P Datasheet
1Mb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
   Inverter Grade Thyristors
Revision: 26-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com