Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3167DCKR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A3167DCKR
Szczegółowy opis  0.9 OHM SPST ANALOG SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A3167DCKR Arkusz danych(HTML) 5 Page - Texas Instruments

  TS5A3167DCKR Datasheet HTML 1Page - Texas Instruments TS5A3167DCKR Datasheet HTML 2Page - Texas Instruments TS5A3167DCKR Datasheet HTML 3Page - Texas Instruments TS5A3167DCKR Datasheet HTML 4Page - Texas Instruments TS5A3167DCKR Datasheet HTML 5Page - Texas Instruments TS5A3167DCKR Datasheet HTML 6Page - Texas Instruments TS5A3167DCKR Datasheet HTML 7Page - Texas Instruments TS5A3167DCKR Datasheet HTML 8Page - Texas Instruments TS5A3167DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TS5A3167
0.9 W SPST ANALOG SWITCH
SCDS187 − FEBRUARY 2005
www.ti.com
5
Electrical Characteristics for 3.3-V Supply(1)
V+ = 3 V to 3.6 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal range
VCOM, VNC
0
V+
V
Peak ON resistance
rpeak
0
≤ VNC ≤ V+,
Switch ON,
25
°C
3 V
1.1
1.5
Peak ON resistance
rpeak
0
≤ VNC ≤ V+,
ICOM = −100 mA,
Switch ON,
See Figure 13
Full
3 V
1.7
ON-state resistance
ron
VNC = 2 V,
Switch ON,
25
°C
3 V
1
1.4
ON-state resistance
ron
VNC = 2 V,
ICOM = −100 mA,
Switch ON,
See Figure 13
Full
3 V
1.5
ON-state resistance
ron(flat)
0
≤ VNC ≤ V+,
ICOM = −100 mA
Switch ON,
25
°C
3 V
0.2
ON-state resistance
flatness
ron(flat)
VNC = 2 V, 0.8 V,
Switch ON,
See Figure 13
25
°C
3 V
0.09
0.15
flatness
VNC = 2 V, 0.8 V,
ICOM = −100 mA
See Figure 13
Full
0.15
INC(OFF)
VNC = 1 V, VCOM = 3 V,
or
25
°C
3.6 V
−2
0.5
2
nA
NC
OFF leakage current
INC(OFF)
NC
COM
or
VNC = 3 V, VCOM = 1 V
Switch OFF,
See Figure 14
Full
3.6 V
−20
20
nA
OFF leakage current
INC(PWROFF)
VNC = 0 to 3.6 V,
See Figure 14
25
°C
0 V
1
0.1
1
A
INC(PWROFF)
VNC = 0 to 3.6 V,
VCOM = 3.6 V to 0
Full
0 V
−5
5
µA
ICOM(OFF)
VCOM = 1 V, VNC = 3 V,
or
25
°C
3.6 V
−2
0.5
20
nA
COM
OFF leakage current
ICOM(OFF)
COM
NC
or
VCOM = 3 V, VNC = 1 V
Switch OFF,
See Figure 14
Full
3.6 V
−20
20
nA
OFF leakage current
ICOM(PWROFF)
VCOM = 3.6 V to 0,
See Figure 14
25
°C
0 V
−1
0.1
1
A
ICOM(PWROFF)
VCOM = 3.6 V to 0,
VNC = 0 to 3.6 V
Full
0 V
−5
5
µA
NC
INC(ON)
VNC = 1 V, VCOM = Open,
or
Switch ON,
25
°C
3.6 V
−2
0.2
2
nA
NC
ON leakage current
INC(ON)
NC
COM
or
VNC = 3 V, VCOM = Open,
Switch ON,
See Figure 15
Full
3.6 V
−20
20
nA
COM
ICOM(ON)
VCOM = 1 V, VNC = Open,
or
Switch ON,
25
°C
3.6 V
−2
0.2
2
nA
COM
ON leakage current
ICOM(ON)
COM
NC
or
VCOM = 3 V, VNC = Open,
Switch ON,
See Figure 15
Full
3.6 V
−20
20
nA
Digital Control Input (IN)
Input logic high
VIH
Full
2
5.5
V
Input logic low
VIL
Full
0
0.8
V
Input leakage current
IIH, IIL
VI = 5.5 V or 0
25
°C
3.6 V
−2
0.3
2
nA
Input leakage current
IIH, IIL
VI = 5.5 V or 0
Full
3.6 V
−20
20
nA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Podobny numer części - TS5A3167DCKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3167DCKR TI-TS5A3167DCKR Datasheet
565Kb / 23P
[Old version datasheet]   0.9-R SPST ANLOG SWITCH
TS5A3167DCKRE4 TI-TS5A3167DCKRE4 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-R SPST ANLOG SWITCH
TS5A3167DCKRG4 TI-TS5A3167DCKRG4 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-R SPST ANLOG SWITCH
More results

Podobny opis - TS5A3167DCKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A3166-Q1 TI-TS5A3166-Q1_15 Datasheet
896Kb / 30P
[Old version datasheet]   TS5A3166-Q1 0.9-廓 SPST Analog Switch
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com