Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1582BRT-REEL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD1582BRT-REEL7
Szczegółowy opis  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1582BRT-REEL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD1582BRT-REEL7 Datasheet HTML 5Page - Analog Devices AD1582BRT-REEL7 Datasheet HTML 6Page - Analog Devices AD1582BRT-REEL7 Datasheet HTML 7Page - Analog Devices AD1582BRT-REEL7 Datasheet HTML 8Page - Analog Devices AD1582BRT-REEL7 Datasheet HTML 9Page - Analog Devices AD1582BRT-REEL7 Datasheet HTML 10Page - Analog Devices AD1582BRT-REEL7 Datasheet HTML 11Page - Analog Devices AD1582BRT-REEL7 Datasheet HTML 12Page - Analog Devices AD1582BRT-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD1582/AD1583/AD1584/AD1585
–9–
REV. D
THEORY OF OPERATION
The AD1582/AD1583/AD1584/AD1585 family uses the band gap
concept to produce stable, low temperature coefficient voltage
references suitable for high accuracy data acquisition components
and systems. This family of precision references uses the underlying
temperature characteristics of a silicon transistor’s base emitter
voltage in the forward-biased operating region. Under this
condition, all such transistors have a –2 mV/
°C temperature
coefficient (TC) and a VBE that, when extrapolated to absolute
zero, 0
°K (with collector current proportional to absolute
temperature), approximates the silicon band gap voltage. By
summing a voltage that has an equal and opposite temperature
coefficient of 2 mV/
°C with the V
BE of a forward-biased transistor,
an almost zero TC reference can be developed. In the AD1582/
AD1583/AD1584/AD1585 simplified circuit diagram shown in
Figure 2, such a compensating voltage, V1, is derived by
driving two transistors at different current densities and
amplifying the resultant VBE difference (
∆V
BE, which has a positive
TC). The sum of VBE and V1(VBG) is then buffered and ampli-
fied to produce stable reference voltage outputs of 2.5 V, 3 V,
4.096 V, and 5 V.
R3
R4
VBE R2
R6
R5
VOUT
VIN
VBG
GND
V1
+
R1
+
Figure 2. Simplified Schematic
APPLYING THE AD1582/AD1583/AD1584/AD1585
The AD1582/AD1583/AD1584/AD1585 is a family of series
references that can be used for many applications. To achieve
optimum performance with these references, only two external
components are required. Figure 3 shows the AD1582 configured
for operation under all loading conditions. With a simple 4.7
µF
capacitor attached to the input and a 1
µF capacitor applied
to the output, the devices can achieve specified performance for
all input voltage and output current requirements. For best
transient response, add a 0.1
µF capacitor in parallel with the 4.7 µF
capacitor. While a 1
µF output capacitor can provide stable
performance for all loading conditions, the AD1582 can operate
under low (–100
µA < I
OUT < +100
µA) current conditions with
just a 0.2
µF output capacitor. The 4.7 µF capacitor on the input can
be reduced to 1
µF in this condition.
Unlike conventional shunt reference designs, the AD1582/
AD1583/AD1584/AD1585 family provides stable output voltages
at constant operating current levels. When properly decoupled,
as shown in Figure 3, these devices can be applied to any circuit
and provide superior low power solutions.
+
VOUT
1 F
1
2
VIN
4.7 F
3
AD1582/
AD1583/
AD1584/
AD1585
Figure 3. Typical Connection Diagram
TEMPERATURE PERFORMANCE
The AD1582/AD1583/AD1584/AD1585 family of references is
designed for applications where temperature performance is
important. Extensive temperature testing and characterization
ensures that the device’s performance is maintained over the
specified temperature range.
The error band guaranteed with the AD1582/AD1583/AD1584/
AD1585 family is the maximum deviation from the initial value at
25
°C. Thus, for a given grade of the AD1582/AD1583/AD1584/
AD1585, the designer can easily determine the maximum total
error by summing initial accuracy and temperature variation,
e.g., for the AD1582BRT, the initial tolerance is
±2 mV, the
temperature error band is
±8 mV, thus the reference is guaranteed
to be 2.5 V
± 10 mV from –40°C to +125°C.
Figure 4 shows the typical output voltage drift for the AD1582
and illustrates the methodology. The box in Figure 4 is bounded on
the x-axis by operating temperature extremes. It is bounded
on the y-axis by the maximum and minimum output voltages
observed over the operating temperature range. The slope of the
diagonal drawn from the initial output value at 25
°C to the output
values at +125
°C and –40°C determines the performance grade of
the device.
Duplication of these results requires a test system that is highly
accurate with stable temperature control. Evaluation of the
AD1582 produces curves similar to those in TPC 3 and Figure 4,
but output readings may vary depending upon the test methods
and test equipment used.
TEMPERATURE ( C)
–40
–20
0
20
40
60
80
100
120
2.504
2.502
2.496
2.494
2.492
2.500
2.498
Figure 4. Output Voltage vs. Temperature


Podobny numer części - AD1582BRT-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1582BRTZ-REEL7 AD-AD1582BRTZ-REEL7 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
More results

Podobny opis - AD1582BRT-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582_13 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582 Datasheet
167Kb / 12P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1585 AD-AD1585_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com