Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2906A Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części 2N2906A
Szczegółowy opis  PNP SMALL SIGNAL SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2906A Arkusz danych(HTML) 2 Page - Microsemi Corporation

  2N2906A Datasheet HTML 1Page - Microsemi Corporation 2N2906A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2906A, 2N2907A JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(4)
Forward-Current Transfer Ratio
IC = 0.1 mAdc, VCE = 10 Vdc
2N2906A. UA, UB
2N2907A, UA, UB
IC = 1.0 mAdc, VCE = 10 Vdc
2N2906A. UA, UB
2N2907A, UA, UB
IC = 10 mAdc, VCE = 10 Vdc
2N2906A. UA, UB
2N2907A, UA, UB
IC = 150 mAdc, VCE = 10 Vdc
2N2906A. UA, UB
2N2907A, UA, UB
IC = 500 mAdc, VCE = 10 Vdc
2N2906A. UA, UB
2N2907A, UA, UB
hFE
40
75
40
100
40
100
40
100
40
50
175
450
120
300
Collector-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VCE(sat)
0.4
1.6
Vdc
Base-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VBE(sat)
0.6
1.3
2.6
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio
VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz
2N2906A,UA, UB
2N2907A,UA, UB
hfe
40
100
Magnitude of Small-Signal Forward Current Transfer Ratio
VCE = 20 Vdc, IC = 20 mAdc, f = 100 MHz
hfe
2.0
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
8.0
pF
Input Capacitance
VEB = 2.0 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
30
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 30 Vdc; IC = 150 mAdc; IB1= 50 mAdc
ton
45
ηs
Turn-Off Time
VCC = 30 Vdc; IC = 150 mAdc; IB1 = -IB2 = 50 mAdc
toff
300
ηs
(4) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Podobny numer części - 2N2906A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
2N2906A PHILIPS-2N2906A Datasheet
52Kb / 8P
   PNP switching transistors
1997 Jun 02
logo
Comset Semiconductor
2N2906A COMSET-2N2906A Datasheet
151Kb / 3P
   GENERAL PURPOSE AMPLIFIERS TRANSISTORS
logo
Semicoa Semiconductor
2N2906A SEMICOA-2N2906A Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
logo
Continental Device Indi...
2N2906A CDIL-2N2906A Datasheet
232Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Siemens Semiconductor G...
2N2906A SIEMENS-2N2906A Datasheet
130Kb / 5P
   PNP SILICON PLANAR TRANSISTORS
More results

Podobny opis - 2N2906A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076_1 Datasheet
30Kb / 3P
   SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N4261 MICROSEMI-2N4261_1 Datasheet
196Kb / 5P
   PNP SMALL SIGNAL SILICON TRANSISTOR
2N3485A MICROSEMI-2N3485A Datasheet
55Kb / 2P
   PNP SILICON SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076 Datasheet
18Kb / 2P
   SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N2944A MICROSEMI-2N2944A Datasheet
56Kb / 2P
   PNP SILICON SMALL SIGNAL TRANSISTOR
2N4261 MICROSEMI-2N4261 Datasheet
157Kb / 4P
   PNP SMALL SIGNAL SILICON TRANSISTOR
logo
Zetex Semiconductors
ZTX500 ZETEX-ZTX500 Datasheet
42Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Diodes Incorporated
ZTX541 DIODES-ZTX541 Datasheet
46Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Micro Electronics
BC556 MICRO-ELECTRONICS-BC556 Datasheet
286Kb / 4P
   PNP SILICON AF SMALL SIGNAL TRANSISTOR
logo
Diodes Incorporated
ZTX500 DIODES-ZTX500 Datasheet
46Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com