Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC137N Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74HC137N
Szczegółowy opis  3-to-8 line decoder, demultiplexer with address latches inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC137N Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74HC137N Datasheet HTML 7Page - NXP Semiconductors 74HC137N Datasheet HTML 8Page - NXP Semiconductors 74HC137N Datasheet HTML 9Page - NXP Semiconductors 74HC137N Datasheet HTML 10Page - NXP Semiconductors 74HC137N Datasheet HTML 11Page - NXP Semiconductors 74HC137N Datasheet HTML 12Page - NXP Semiconductors 74HC137N Datasheet HTML 13Page - NXP Semiconductors 74HC137N Datasheet HTML 14Page - NXP Semiconductors 74HC137N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
9397 750 13804
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
11 of 19
Philips Semiconductors
74HC137
3-to-8 line decoder, demultiplexer with address latches; inverting
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL × VCC2 × fo) = sum of outputs.
Tamb = −40 °C to +125 °C
tPHL, tPLH
propagation delay An to Yn
see Figure 6
VCC = 2.0 V
-
-
270
ns
VCC = 4.5 V
-
-
54
ns
VCC = 6.0 V
-
-
46
ns
propagation delay LE to Yn
see Figure 7
VCC = 2.0 V
-
-
285
ns
VCC = 4.5 V
-
-
57
ns
VCC = 6.0 V
-
-
48
ns
propagation delay E1 to Yn
see Figure 7
VCC = 2.0 V
-
-
220
ns
VCC = 4.5 V
-
-
44
ns
VCC = 6.0 V
-
-
38
ns
propagation delay E2 to Yn
see Figure 6
VCC = 2.0 V
-
-
220
ns
VCC = 4.5 V
-
-
44
ns
VCC = 6.0 V
-
-
38
ns
tTHL, tTLH
output transition time
see Figure 6
VCC = 2.0 V
-
-
110
ns
VCC = 4.5 V
-
-
22
ns
VCC = 6.0 V
-
-
19
ns
tW
LE pulse width HIGH
see Figure 8
VCC = 2.0 V
-
-
75
ns
VCC = 4.5 V
-
-
15
ns
VCC = 6.0 V
-
-
13
ns
tsu
set-up time An to LE
see Figure 8
VCC = 2.0 V
-
-
75
ns
VCC = 4.5 V
-
-
15
ns
VCC = 6.0 V
-
-
13
ns
th
hold time An to LE
see Figure 8
VCC = 2.0 V
-
-
45
ns
VCC = 4.5 V
-
-
9
ns
VCC = 6.0 V
-
-
8
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr =tf = 6 ns; CL = 50 pF.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Podobny numer części - 74HC137N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
72Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
logo
Nexperia B.V. All right...
74HC137 NEXPERIA-74HC137 Datasheet
273Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches; inverting
Rev. 5 - 4 August 2021
74HC137D NEXPERIA-74HC137D Datasheet
273Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches; inverting
Rev. 5 - 4 August 2021
74HC137DB NEXPERIA-74HC137DB Datasheet
273Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches; inverting
Rev. 5 - 4 August 2021
More results

Podobny opis - 74HC137N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137_15 Datasheet
114Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches; inverting
Rev. 03-11 November 2004
logo
Nexperia B.V. All right...
74HC137 NEXPERIA-74HC137 Datasheet
273Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches; inverting
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137_1 Datasheet
72Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
   3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
   3-to-8 line decoder/demultiplexer with address latches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com