Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV165A Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74LV165A
Szczegółowy opis  8-bit parallel-in/serial-out shift register
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV165A Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74LV165A Datasheet HTML 6Page - NXP Semiconductors 74LV165A Datasheet HTML 7Page - NXP Semiconductors 74LV165A Datasheet HTML 8Page - NXP Semiconductors 74LV165A Datasheet HTML 9Page - NXP Semiconductors 74LV165A Datasheet HTML 10Page - NXP Semiconductors 74LV165A Datasheet HTML 11Page - NXP Semiconductors 74LV165A Datasheet HTML 12Page - NXP Semiconductors 74LV165A Datasheet HTML 13Page - NXP Semiconductors 74LV165A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2003 Jul 23
10
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74LV165A
Note
1. All typical values are measured at Tamb =25 °C.
tsu
set-up time
Don to PL
see
Figs 10, 11 and
12
2.3 to 2.7
12.0
−−
ns
3.0 to 3.6
8.5
−−
ns
4.5 to 5.5
5.0
−−
ns
th
hold time
DS to CP; CE
PL to CP; CE
see
Figs 10, 11 and
12
2.3 to 2.7
0
−−
ns
3.0 to 3.6
0
−−
ns
4.5 to 5.5
0.5
−−
ns
th
hold time Don to PL
see
Figs 10, 11 and
12
2.3 to 2.7
0.5
−−
ns
3.0 to 3.6
0.5
−−
ns
4.5 to 5.5
1.0
−−
ns
fmax
maximum clock pulse
frequency
see Figs 7 and 12
2.3 to 2.7
15
45
80
MHz
3.0 to 3.6
15
55
115
MHz
4.5 to 5.5
15
90
165
MHz
2.3 to 2.7
50
35
65
MHz
3.0 to 3.6
50
50
90
MHz
4.5 to 5.5
50
85
125
MHz
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
WAVEFORMS
VCC (V)
CL
(pF)


Podobny numer części - 74LV165A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV165A TI-74LV165A Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
logo
Nexperia B.V. All right...
74LV165A NEXPERIA-74LV165A Datasheet
810Kb / 19P
   8-bit parallel-in/serial-out shift register
Rev. 4 - 28 March 2014
74LV165A-Q100 NEXPERIA-74LV165A-Q100 Datasheet
779Kb / 19P
   8-bit parallel-in/serial-out shift register
74LV165AD NEXPERIA-74LV165AD Datasheet
810Kb / 19P
   8-bit parallel-in/serial-out shift register
Rev. 4 - 28 March 2014
74LV165AD-Q100 NEXPERIA-74LV165AD-Q100 Datasheet
779Kb / 19P
   8-bit parallel-in/serial-out shift register
More results

Podobny opis - 74LV165A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com