Zakładka z wyszukiwarką danych komponentów |
|
74LV165AD Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
74LV165AD Arkusz danych(HTML) 8 Page - NXP Semiconductors |
8 / 18 page 2003 Jul 23 8 Philips Semiconductors Product specification 8-bit parallel-in/serial-out shift register 74LV165A DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground=0V). Note 1. All typical values are measured at VCC = 5.5 V and Tamb =25 °C. SYMBOL PARAMETER TEST CONDITIONS MIN. TYP.(1) MAX. UNIT OTHER VCC (V) Tamb = −40 to +85 °C VIH HIGH-level input voltage 2.0 1.5 −− V 2.3 to 2.7 0.7 × V CC −− V 3.0 to 3.6 0.7 × V CC −− V 4.5 to 5.5 0.7 × V CC −− V VIL LOW-level input voltage 2.0 −− 0.5 V 2.3 to 2.7 −− 0.3 × VCC V 3.0 to 3.6 −− 0.3 × V CC V 4.5 to 5.5 −− 0.3 × VCC V VOL LOW-level output voltage VI =VIH or VIL IO =50 µA 2.0 to 5.5 −− 0.1 V IO =2mA 2.3 −− 0.4 V IO =6mA 3.0 −− 0.44 V IO =12mA 4.5 −− 0.55 V VOH HIGH-level output voltage VI =VIH or VIL IO = −50 µA 2.0 to 5.5 VCC − 0.1 −− V IO = −2 mA 2.3 2.0 −− V IO = −6 mA 3.0 2.48 −− V IO = −12 mA 4.5 3.8 −− V ILI input leakage current VI = 5.5 V or GND 5.5 −±0.01 ±1 µA Ioff power OFF leakage current VI or VO = 5.5 V 0.0 −±0.05 ±5 µA ICC quiescent supply current VI =VCC or GND; IO = 0 5.5 − 0.2 20 µA |
Podobny numer części - 74LV165AD |
|
Podobny opis - 74LV165AD |