Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUZ902P Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części BUZ902P
Szczegółowy opis  N CHANNEL POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

BUZ902P Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  BUZ902P Datasheet HTML 1Page - List of Unclassifed Manufacturers BUZ902P Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
V
V
V
V
mA
mA
S
BVDSX
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
VGS(OFF)
Gate – Source Cut–Off Voltage
VDS(SAT)* Drain – Source Saturation Voltage
RDS(on)*
Static – Source Resistance
IDSX
Drain – Source Cut–Off Current
yfs*
Forward Transfer Admittance
VGS = -10V
BUZ902P
ID = 10mA
BUZ903P
VDS = 0
IG = ±100µA
VDS = 10V
ID = 100mA
VGD = 0
ID = 8A
VGS = 10
ID = 8A
VDS = 220V
BUZ902P
VGS = -10V
VDS = 250V
BUZ903P
VDS = 10V
ID = 3A
220
250
±14
0.15
1.5
12
1.5
10
10
0.7
2
TEC
MAGNA
Magnatec. Telephone (01455) 554711. Fax (01455) 558843
Prelim. 01/97
BUZ902P
BUZ903P
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
* Pulse Test: Pulse Width = 300
µs , Duty Cycle ≤ 2%.
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
ton
Turn–on Time
toff
Turn-off Time
TBA
TBA
TBA
TBA
TBA
VDS = 10V
f = 1MHz
VDS = 20V
ID = 5A
pF
ns
STATIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
D
G
S
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)


Podobny numer części - BUZ902P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BUZ90 SIEMENS-BUZ90 Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Inchange Semiconductor ...
BUZ90 ISC-BUZ90 Datasheet
65Kb / 2P
   Easy driver for cost effective application
logo
List of Unclassifed Man...
BUZ900 ETC1-BUZ900 Datasheet
43Kb / 4P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
BUZ900 NJSEMI-BUZ900 Datasheet
82Kb / 2P
   N-CHANNEL POWER MOSFET
logo
List of Unclassifed Man...
BUZ900DP ETC-BUZ900DP Datasheet
45Kb / 3P
   N-CHANNEL POWER MOSFET
More results

Podobny opis - BUZ902P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com