Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS19-12HO1 Arkusz danych(PDF) 1 Page - IXYS Corporation

Numer części CS19-12HO1
Szczegółowy opis  Phase Control Thyristors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS19-12HO1 Arkusz danych(HTML) 1 Page - IXYS Corporation

  CS19-12HO1 Datasheet HTML 1Page - IXYS Corporation CS19-12HO1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
Phase Control Thyristors
V
RRM
= 800-1200 V
I
T(RMS) = 29 A
I
T(AV)M = 19 A
V
RSM
V
RRM
Type
Type
V
DSM
V
DRM
V
V
TO 220
TO 263
800
800
CS 19-08ho1
CS 19-08ho1S
1200
1200
CS 19-12ho1
CS 19-12ho1S
Symbol
Test Conditions
Maximum Ratings
I
T(RMS)
T
VJ = TVJM
29
A
I
T(AV)M
T
C = 85°C; 180° sine
19
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
160
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
180
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
140
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
160
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
128
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
134
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
100
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
105
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 20 A
100
A/
µs
f = 50 Hz, t
P =200 µs
V
D = 2/3 VDRM
I
G = 0.15 A
non repetitive, I
T = IT(AV)M
500
A/
µs
di
G/dt = 0.15 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
500
V/
µs
R
GK = ∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
µs5
W
I
T = IT(AV)M
t
P =
300
µs
2,5
W
P
GAV
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
M
d
Mounting torque with screw M3; TO220
0.45/4
Nm/lb.in.
Mounting torque with screw M3.5; TO220
0.55/5
Nm/in.
Weight
2g
Features
q
SCR for frequency up to 400Hz
q
International standard package
q
High performance glass
passivated chip
q
Long-term stability of leakage
current and blocking voltage
q
Epoxy meets UL 94V-0
Applications
q
Motor control
q
Power converter
q
AC power controller
q
Light and temperature control
q
SCR for inrush current limiting
in power supplies or AC drive
Advantages
q
Space and weight savings
q
Simple mounting
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
CS 19
A
C
G
C
G
TO-263 AA
A (TAB)
TO-220 AB
A (TAB)
C
A
G
A = Anode, C = Cathode, G = Gate


Podobny numer części - CS19-12HO1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
CS19-12HO1S IXYS-CS19-12HO1S Datasheet
168Kb / 5P
   High Efficiency Thyristor
More results

Podobny opis - CS19-12HO1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com