Zakładka z wyszukiwarką danych komponentów |
|
GS74108TP-8 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers |
|
GS74108TP-8 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 12 page Rev: 1.06 7/2000 4/12 © 1999, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS74108TP/J Note: 1. Input overshoot voltage should be less than VDD+2V and not exceed 20ns. 2. Input undershoot voltage should be greater than -2V and not exceed 20ns. Notes: 1. Tested at TA=25°C, f=1MHz 2. These parameters are sampled and are not 100% tested Recommended Operating Conditions Parameter Symbol Min Typ Max Unit Supply Voltage for -10/12/15 VDD 3.0 3.3 3.6 V Supply Voltage for -8 VDD 3.135 3.3 3.6 V Input High Voltage VIH 2.0 - VDD+0.3 V Input Low Voltage VIL -0.3 - 0.8 V Ambient Temperature, Commercial Range TAc 0 - 70 oC Ambient Temperature, Industrial Range TAI -40 - 85 oC Capacitance Parameter Symbol Test Condition Max Unit Input Capacitance CIN VIN=0V 5 pF Output Capacitance COUT VOUT=0V 7 pF DC I/O Pin Characteristics Parameter Symbol Test Conditions Min Max Input Leakage Current IIL VIN = 0 to VDD -1uA 1uA Output Leakage Current ILO Output High Z VOUT = 0 to VDD -1uA 1uA Output High Voltage VOH IOH = - 4mA 2.4 Output Low Voltage VOL ILO = + 4mA 0.4V |
Podobny numer części - GS74108TP-8 |
|
Podobny opis - GS74108TP-8 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |