Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4634 Arkusz danych(PDF) 11 Page - Linear Technology

Numer części LTM4634
Szczegółowy opis  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4634 Arkusz danych(HTML) 11 Page - Linear Technology

Back Button LTM4634 Datasheet HTML 7Page - Linear Technology LTM4634 Datasheet HTML 8Page - Linear Technology LTM4634 Datasheet HTML 9Page - Linear Technology LTM4634 Datasheet HTML 10Page - Linear Technology LTM4634 Datasheet HTML 11Page - Linear Technology LTM4634 Datasheet HTML 12Page - Linear Technology LTM4634 Datasheet HTML 13Page - Linear Technology LTM4634 Datasheet HTML 14Page - Linear Technology LTM4634 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTM4634
11
4634f
For more information www.linear.com/LTM4634
applicaTions inForMaTion
The typical LTM4634 application circuit is shown in Fig-
ure 22. External component selection is primarily deter-
mined by the maximum load current and output voltage.
RefertoTable4forspecificexternalcapacitorrequirements
for particular applications.
VIN to VOUT Step-Down Ratios
There are restrictions in the VIN to VOUT step-down ratio
that can be achieved for a given input voltage. The VIN to
VOUT minimum dropout is a function of load current and
at very low input voltage and high duty cycle applications
output power may be limited as the internal top power
MOSFET is not rated for 5A operation at higher ambient
temperatures. At very low duty cycles the minimum 100ns
on-time must be maintained. See the Frequency Adjust-
ment section and temperature derating curves.
Output Voltage Programming
The PWM controller has an internal 0.8V ±1% reference
voltage. As shown in the Block Diagram, a 60.4k preci-
sion internal feedback resistor connects the VOUT and VFB
pins together.
The output voltage will default to 0.8V with no feedback
resistor. Adding a resistor RFB from VFB to ground pro-
grams the output voltage:
VOUT = 0.8V •
60.4k
+RFB
RFB


or RFB =
48.32k
VOUT –0.8
Table 1. VFB Resistor Table vs Various Output Voltages
VOUT(V) 0.8
1.0
1.2
1.5
1.8
2.5
3.3
5.0 12.0
RFB (kΩ) Open 243 121 69.8 48.7 28.7 19.1 11.5 4.32
In the parallel operation the following pins should be tied
together, VFB1 and VFB2 pins, COMP1 and COMP2 pins,
TK/SS1 and TK/SS2, and RUN1 and RUN2.
For parallel operation of VOUT1 and VOUT2, connect VFB1
and VFB2 together with a single resistor to ground whose
value is determined by:
RFB =
60.4k
2
VOUT
0.8
–1
Input Capacitors
The LTM4634 module should be connected to a low AC
impedance DC source. Additional input capacitors are
neededfortheRMSinputripplecurrentrating.TheICIN(RMS)
equation which follows can be used to calculate the input
capacitor requirement for each channel. Typically 4.7µF
to 10µF X7R ceramics are a good choice with RMS ripple
currentratingsof~2Aeach.A47µFto100µFsurfacemount
aluminumelectrolyticcapacitorcanbeusedformoreinput
bulk capacitance. This bulk input capacitor is only needed
if the input source impedance is compromised by long
inductive leads, traces or not enough source capacitance.
If low impedance power planes are used, then this bulk
capacitor is not needed.
For a buck converter, the switching duty cycle can be
estimated as:
D
=
VOUT
VIN
Without considering the inductor ripple current, for each
output, the RMS current of the input capacitor can be
estimated as:
ICIN(RMS) =
IOUT(MAX)
η%
• D• 1–D
( )
(1)
In the previous equation,
η% is the estimated efficiency
of the power module in decimal form (0.nn) for a given
VOUT-to-VIN ratio.
The selection of CIN is simplified by the 3-phase architec-
ture and its impact on the worst-case RMS current draw
occurs when only one channel is operating. This is true
when the three channels are powered from a common
VIN. The channel with the highest duty cycle D peaking at
0.5 and maximum load current needs to be used in the
above formula. This will give the maximum RMS capacitor
current requirement. Increasing the output current drawn
from the other channels will actually decrease the input
RMS ripple current from its maximum value. The out-of-
phase technique typically reduces the input capacitor’s
RMS ripple current by a factor of 50% when compared to
a single phase power supply solution. If the three channels
are powered from independent input sources, then each


Podobny numer części - LTM4634

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
More results

Podobny opis - LTM4634

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
   20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
   20VIN, 5A Step-Down DC/DC Module Regulator
logo
Global Mixed-mode Techn...
G5676 GMT-G5676 Datasheet
39Kb / 1P
   5A Synchronous Step-Down DC/DC
G5675 GMT-G5675 Datasheet
48Kb / 1P
   5A Synchronous Step-Down DC/DC
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
Linear Technology
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
   Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455_14 Datasheet
673Kb / 16P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com