Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK4132 Arkusz danych(PDF) 10 Page - Asahi Kasei Microsystems

Numer części AK4132
Szczegółowy opis  96kHz 24bit Sample Rate Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4132 Arkusz danych(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4132 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
[AK4132]
015015036-E-03
2018/05
- 10 -
Audio Interface Timing
(Ta= -40
 105ºC; DVDD= 3.0 3.6V at VSEL pin= “L” or DVDD= VD18= 1.7  1.9V at VSEL pin=”H”;
CL= 20pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Audio Interface Timing
Input PORT
IBICK Period Normal speed Mode
Double speed Mode
IBICK Pulse Width Low
IBICK Pulse Width High
ILRCK Edge to IBICK “↑” (Note 13)
IBICK “↑” to ILRCK Edge (Note 13)
SDTI Hold Time from IBICK “↑”
SDTI Setup Time to I
BICK “↑”
tIBCK
tIBCK
tIBCKL
tIBCKH
tILRB
tIBLR
tISDH
tISDS
1/256 FSIN
1/128 FSID
27
27
15
15
15
15
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
ns
ns
ns
ns
ns
ns
ns
ns
Output PORT (Slave Mode)
OBICK PeriodNormal speed Mode
OBICK Pulse Width Low
OBICK Pulse Width High
OLRCK Edge to OBICK “↑” (Note 13)
OBICK “↑” to OLRCK Edge (Note 13)
OLRCK to SDTO(MSB)
(Except I
2S Mode)
OBICK “↓” to SDTO
tOBCK
tOBCKL
tOBCKH
tOLRB
tOBLR
tOLRS
tOBSD
1/256 FSO
27
27
20
20
-
-
-
-
-
-
-
-
-
-
-
-
-
-
20
20
ns
ns
ns
ns
ns
ns
ns
Output PORT (Master Mode)
OBICK Frequency
OBICK Duty
OBICK “↓” to OLRCK Edge
OBICK “↓” to SDTO
fOBCK
dOBCK
tOMBLR
tOBSD
-
-
20
20
64 FSO
50
-
-
-
-
20
20
Hz
%
ns
ns
Reset Timing
PDN Pulse Width (Note 14)
tPD
150
-
-
ns
PDN pin Pulse Width of Spike Noise
Suppressed by Input Filter (Note 15)
tPDS
0
-
50
ns
Note 13. BICK rising edge must not occur at the same time as LRCK edge.
Note 14. The AK4132 can be rest by bringing the PDN pin =
“L”.
Note 15. Spike noise width of
“L” pulse suppressed by input filter of the PDN pin.


Podobny numer części - AK4132

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
More results

Podobny opis - AK4132

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4133 AKM-AK4133 Datasheet
1Mb / 29P
   192kHz 24bit Sample Rate Converter
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD4363 AKM-AKD4363_05 Datasheet
381Kb / 34P
   96kHz 24bit D/A converter with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com