Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4661 Arkusz danych(PDF) 18 Page - Linear Technology

Numer części LTM4661
Szczegółowy opis  15V, 4A Step-Up 關Module Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4661 Arkusz danych(HTML) 18 Page - Linear Technology

Back Button LTM4661 Datasheet HTML 12Page - Linear Technology LTM4661 Datasheet HTML 13Page - Linear Technology LTM4661 Datasheet HTML 14Page - Linear Technology LTM4661 Datasheet HTML 15Page - Linear Technology LTM4661 Datasheet HTML 16Page - Linear Technology LTM4661 Datasheet HTML 17Page - Linear Technology LTM4661 Datasheet HTML 18Page - Linear Technology LTM4661 Datasheet HTML 19Page - Linear Technology LTM4661 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTM4661
18
4661f
For more information www.linear.com/LTM4661
PACKAGE DESCRIPTION
LTM4661 Component BGA Pinout
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
VIN
A2
GND
A3
GND
A4
VOUT
A5
VOUT
B1
VIN
B2
GND
B3
GND
B4
GND
B5
VOUT
C1
VIN
C2
GND
C3
GND
C4
GND
C5
VOUT
D1
VIN
D2
SYNC/MODE D3
INTVCC
D4
GND
D5
SDB
E1
VIN
E2
GND
E3
FREQ
E4
COMP
E5
FB
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.


Podobny numer części - LTM4661

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
LTM4661 AD-LTM4661 Datasheet
2Mb / 28P
   Synchronous Boost 關Module Regulator with Input-Output Short Protection
More results

Podobny opis - LTM4661

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
LTM4644EY LINER-LTM4644EY Datasheet
436Kb / 6P
   Quad 4A Output Step-Down 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
logo
Intersil Corporation
ISL97656 INTERSIL-ISL97656 Datasheet
428Kb / 8P
   Integrated 4A Switch PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
Linear Technology
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
   4A Step-Down Regulator
June 2015 Rev. 1.2
logo
Linear Technology
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com