Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB560L Arkusz danych(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Numer części SB560L
Szczegółowy opis  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Strona internetowa  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

SB560L Arkusz danych(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  SB560L Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. SB560L Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
SB560L
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• For use in low voltage,high frequency inverters ,free wheeling ,
and polarity protection applications .
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: DO-201AD Molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode
• Mounting Position: Any
• Weight: 0.039 ounces, 1.122 grams
SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
NOTES:
1. Thermal Resistance Junction to Lead Vertical PC Board Mounting .375” (9.5mm) Lead Lengths.
DO-201AD
Unit: inch(mm)
.052(1.3)
.210(5.3)
.048(1.2)
.188(4.8)
VOLTAGE
60 Volts
5 Amperes
CURRENT
PARA M ETER
SYM BOL
SB5 6 0 L
UNITS
M a xi m um Re curr ent P eak Re ve rs e Vo lt age
V
RRM
60
V
Ma xi mum RMS Vo l ta g e
V
RM S
42
V
Ma xi mum D C B l o c k i ng Vo l ta g e
V
DC
60
V
M axi m um A ver ag e F o rwar d Rect i fi ed C ur r ent
( S e e F i g 3)
I
F(AV )
5A
P e a k F o r war d S ur ge C ur r e nt : 8. 3m s s i ng le ha lf si ne -
wa ve supe ri m p o s ed o n ra te d lo ad( JE D E C m e t ho d )
I
FS M
15 0
A
M a xi m um F o r ward Vo l tag e at 5 . 0 A
V
F
0.53
V
Ma xi mum D C Re ve rs e C urre nt T
J =2 5
O C
a t Ra te d D C B l ocki ng Vo l tag e T
J =1 0 0
O C
I
R
0.5
50
mA
Typi c a l Ther m a l Re s i st anc e ( Note 1)
R
θJL
10
O C / W
O p erati ng J unc t i o n Te m p eratur e Ra nge
T
J
- 55 t o + 150
O C
S to ra ge Te m per at ur e Rang e
T
STG
- 55 t o + 150
O C


Podobny numer części - SB560L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB560L PANJIT-SB560L Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
SB560L CHONGQING-SB560L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Unisonic Technologies
SB560L-Z21D-B UTC-SB560L-Z21D-B Datasheet
117Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SB560L-Z21D-R UTC-SB560L-Z21D-R Datasheet
121Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB560L PANJIT-SB560L_16 Datasheet
248Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SB560L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com