Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4676A Arkusz danych(PDF) 65 Page - Linear Technology

Numer części LTM4676A
Szczegółowy opis  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A Arkusz danych(HTML) 65 Page - Linear Technology

Back Button LTM4676A Datasheet HTML 61Page - Linear Technology LTM4676A Datasheet HTML 62Page - Linear Technology LTM4676A Datasheet HTML 63Page - Linear Technology LTM4676A Datasheet HTML 64Page - Linear Technology LTM4676A Datasheet HTML 65Page - Linear Technology LTM4676A Datasheet HTML 66Page - Linear Technology LTM4676A Datasheet HTML 67Page - Linear Technology LTM4676A Datasheet HTML 68Page - Linear Technology LTM4676A Datasheet HTML 69Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 136 page
background image
LTM4676A
65
4676afa
For more information www.linear.com/LTM4676A
applicaTions inForMaTion
It is recommended that all command writes (write byte,
write word, etc.) be preceded with a polling loop to avoid
the extra complexity of dealing with busy behavior and
unwanted ALERT notification. A simple way to achieve this
is by creating SAFE_WRITE_BYTE() and SAFE_WRITE_
WORD()subroutines.Theabovepollingmechanismallows
one’s software to remain clean and simple while robustly
communicating with the part. For a detailed discussion
of these topics and other special cases please refer to
the application note section located at www.linear.com/
designtools/app_notes.
When communicating using bus speeds at or below
100kHz, the polling mechanism shown here provides a
simplesolutionthatensuresrobustcommunicationwithout
clock stretching. At bus speeds in excess of 100kHz, it is
strongly recommended that the part be configured to en-
able clock stretching. This requires a PMBus master that
supports clock stretching. System software that detects
and properly recovers from the standard PMBus NACK/
BUSY faults as described in the PMBus Specification v1.2,
Part II, Section 10.8.7 is required to communicate above
100kHz without clock stretching. Clock stretching will not
extend the PMBus speed beyond the specified 400kHz.
THERMAL CONSIDERATIONS AND
OUTPUT CURRENT DERATING
The thermal resistances reported in the Pin Configuration
section of this data sheet are consistent with those pa-
rameters defined by JESD51-12 and are intended for use
with finite element analysis (FEA) software modeling tools
that leverage the outcome of thermal modeling, simula-
tion, and correlation to hardware evaluation performed on
a µModule package mounted to a hardware test board.
The motivation for providing these thermal coefficients is
found in JESD51-12 (“Guidelines for Reporting and Using
Electronic Package Thermal Information”).
Many designers may opt to use laboratory equipment
and a test vehicle such as the demo board to predict the
µModule regulator’s thermal performance in their appli-
cation at various electrical and environmental operating
conditions to compliment any FEA activities. Without FEA
software, the thermal resistances reported in the Pin Con-
figuration section are, in and of themselves, not relevant to
providing guidance of thermal performance; instead, the
derating curves provided in this data sheet can be used
in a manner that yields insight and guidance pertaining to
one’s application-usage, and can be adapted to correlate
thermal performance to one’s own application.
The Pin Configuration section gives four thermal coeffi-
cients explicitly defined in JESD51-12; these coefficients
are quoted or paraphrased below:
1 θJA, the thermal resistance from junction to ambi-
ent, is the natural convection junction-to-ambient
air thermal resistance measured in a one cubic foot
sealed enclosure. This environment is sometimes
referred to as “still air” although natural convection
causes the air to move. This value is determined with
the part mounted to a JESD51-9 defined test board,
which does not reflect an actual application or viable
operating condition.
2 θJCbottom, the thermal resistance from junction to the
bottom of the product case, is determined with all of
the component power dissipation flowing through
the bottom of the package. In the typical µModule
regulator, the bulk of the heat flows out the bottom
of the package, but there is always heat flow out into
the ambient environment. As a result, this thermal
resistance value may be useful for comparing pack-
ages but the test conditions don’t generally match the
user’s application.
3 θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the top
of the package. As the electrical connections of the
typical µModule regulator are on the bottom of the
package, it is rare for an application to operate such
that most of the heat flows from the junction to the
top of the part. As in the case of θJCbottom, this value
may be useful for comparing packages but the test
conditionsdon’tgenerallymatchtheuser’sapplication.
4 θJB,thethermalresistancefromjunctiontotheprinted
circuit board, is the junction-to-board thermal resis-
tance where almost all of the heat flows through the
bottom of the µModule regulator and into the board,
and is really the sum of the θJCbottom and the thermal


Podobny numer części - LTM4676A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 116P
   60V Dual Output Step-Up Controller with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

Podobny opis - LTM4676A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com