Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZX75HP-395 Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części ZX75HP-395
Szczegółowy opis  High Pass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75HP-395 Arkusz danych(HTML) 1 Page - Mini-Circuits

  ZX75HP-395 Datasheet HTML 1Page - Mini-Circuits ZX75HP-395 Datasheet HTML 2Page - Mini-Circuits ZX75HP-395 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• Low insertion loss
• High rejection
• Connectorized package
Product Overview
ZX75HP-395+ is a High pass filter in a rugged connectorized package covering 650 to 2750 MHz. This filter will
find its application in TV Broadcast, point-to-point military radio and cordless telephones. It has repeatable
performance across production lots and consistent performance across temperature.
Feature
Advantages
Low insertion loss
Can be used in high performance applications.
Good rejection
This enables the filter to attenuate spurious signals and reject harmonics for broad band frequency.
Connectorized package
The connectorized package is easy to interface with other devices and well suited for test setups.
Key Features
ZX75HP-395+
50Ω
650 to 2750 MHz
CASE STYLE: KE1467
High Pass Filter
Coaxial


Podobny numer części - ZX75HP-395

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
ZX75HP-305 MINI-ZX75HP-305 Datasheet
391Kb / 3P
   High Pass Filter
ZX75HP-305++ MINI-ZX75HP-305+ Datasheet
391Kb / 3P
   High Pass Filter
ZX75HP-305-S++ MINI-ZX75HP-305-S+ Datasheet
391Kb / 3P
   High Pass Filter
More results

Podobny opis - ZX75HP-395

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PCA ELECTRONICS INC.
EPB5023G PCA-EPB5023G Datasheet
22Kb / 1P
   High Pass Filter
logo
Mini-Circuits
HFCN-650D MINI-HFCN-650D Datasheet
302Kb / 1P
   High Pass Filter
HFCN-5500 MINI-HFCN-5500 Datasheet
311Kb / 1P
   High Pass Filter
RHP-122 MINI-RHP-122 Datasheet
452Kb / 1P
   High Pass Filter
RHP-250 MINI-RHP-250 Datasheet
452Kb / 1P
   High Pass Filter
SCHF-17 MINI-SCHF-17 Datasheet
303Kb / 1P
   High Pass Filter
SCHF-25 MINI-SCHF-25 Datasheet
259Kb / 1P
   High Pass Filter
ZX75HP-180 MINI-ZX75HP-180 Datasheet
432Kb / 3P
   High Pass Filter
ZHSS-8G MINI-ZHSS-8G Datasheet
487Kb / 3P
   High Pass Filter
THP-1050 MINI-THP-1050 Datasheet
486Kb / 3P
   High Pass Filter
VHF-3100 MINI-VHF-3100 Datasheet
238Kb / 1P
   High Pass Filter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com