Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZX75LP-137 Arkusz danych(PDF) 2 Page - Mini-Circuits

Numer części ZX75LP-137
Szczegółowy opis  Low Pass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75LP-137 Arkusz danych(HTML) 2 Page - Mini-Circuits

  ZX75LP-137 Datasheet HTML 1Page - Mini-Circuits ZX75LP-137 Datasheet HTML 2Page - Mini-Circuits ZX75LP-137 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Coaxial
ZX75LP-137+
Applications
• Satellite
• Wireless communications
• Receivers / Transmitters
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Permanent damage may occur if any of these limits are exceeded.
REV. A
M160153
ZX75LP-137+
EDR10354U
URJ/NY
161230
Features
• High rejection
• Low insertion loss
• Fast roll-off
• Good VSWR
• Connectorized package
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 137 MHz
ZX75LP-137+
INSERTION LOSS (Full band)
0
20
40
60
80
100
0
400
800
1200
1600
FREQUENCY (MHz)
0.0
0.7
1.4
0
50
100
150
ZX75LP-137+
VSWR
1
10
100
1000
0
400
800
1200
1600
FREQUENCY (MHz)
1.0
1.1
1.2
0
50
100
150
ZX75LP-137+
INSERTION LOSS (Passband)
0
20
40
60
80
0
50
100
150
200
250
FREQUENCY (MHz)
ZX75LP-137+
GROUP DELAY
4
6
8
10
12
0
25
50
75
100
125
150
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-137
1.3
2.0
dB
Freq. Cut-Off
F2
150
3.0
dB
VSWR
DC-F1
DC-137
1.2
1.7
:1
Stop Band
Rejection Loss
F3-F4
195-1500
20
33
dB
VSWR
F3-F4
195-1500
31
:1
Low Pass Filter
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1
0.13
1.03
1
4.84
50
0.32
1.03
5
4.90
100
0.62
1.12
10
4.75
137
1.26
1.17
30
4.85
150
3.30
2.64
40
4.93
160
8.58
7.41
50
5.06
165
12.00
11.24
55
5.10
180
22.75
22.87
60
5.22
195
33.40
31.03
65
5.30
210
44.68
36.97
70
5.40
250
66.86
49.64
75
5.51
500
90.41
102.19
80
5.65
750
91.98
108.58
90
6.01
800
96.76
108.58
95
6.21
850
83.90
102.19
100
6.46
900
82.17
102.19
110
7.12
950
79.89
96.51
120
8.03
1000
84.19
102.19
130
9.44
1250
45.43
72.39
135
10.53
1500
41.38
75.53
137
11.13
F1 F2
FREQUENCY (MHz)
F3
F4
DC
R F IN
R F OUT
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: KE1467
Connectors Model
SMA-M\F
ZX75LP-137-S+


Podobny numer części - ZX75LP-137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
ZX75LP-105 MINI-ZX75LP-105 Datasheet
246Kb / 3P
   Low Pass Filter
ZX75LP-105++ MINI-ZX75LP-105+ Datasheet
246Kb / 3P
   Low Pass Filter
ZX75LP-105-S++ MINI-ZX75LP-105-S+ Datasheet
246Kb / 3P
   Low Pass Filter
ZX75LP-120 MINI-ZX75LP-120 Datasheet
236Kb / 3P
   Low Pass Filter
ZX75LP-120++ MINI-ZX75LP-120+ Datasheet
236Kb / 3P
   Low Pass Filter
More results

Podobny opis - ZX75LP-137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com