Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AUIRS1170S Arkusz danych(PDF) 21 Page - Infineon Technologies AG

Numer części AUIRS1170S
Szczegółowy opis  automotive qualified smart secondary-side driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIRS1170S Arkusz danych(HTML) 21 Page - Infineon Technologies AG

Back Button AUIRS1170S Datasheet HTML 17Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 18Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 19Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 20Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 21Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 22Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 23Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 24Page - Infineon Technologies AG AUIRS1170S Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AUIRS1170S
21
Rev. 2.3
2016-09-03
Figure 14: effect of Vds filter on turn-on delay.
Figure 15: diode-discharge compensation of filter induced turn on delay
In all cases, the choice of Rf and Cf is not free. Rf is directly in series with pin Vd on the AUIRS1170S. Because
the input Vd-Vs comparator is fed by an internal current source, adding too much external resistance may
severely impact the turn-on threshold. Therefore a Rf value < 1.5k - 2k Ohm is recommended.


Podobny numer części - AUIRS1170S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
AUIRS2003S IRF-AUIRS2003S Datasheet
338Kb / 15P
   HALF-BRIDGE DRIVER
AUIRS2003S IRF-AUIRS2003S Datasheet
395Kb / 14P
   Floating channel designed for bootstrap operation
AUIRS2003S IRF-AUIRS2003S_15 Datasheet
395Kb / 14P
   Floating channel designed for bootstrap operation
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Floating channel designed for bootstrap operation
More results

Podobny opis - AUIRS1170S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
Rohm
BD8325FVT-M ROHM-BD8325FVT-M Datasheet
1Mb / 34P
   Built-in Secondary-side Driver
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Micrel Semiconductor
MAQ4123 MICREL-MAQ4123 Datasheet
489Kb / 18P
   Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
logo
Sanken electric
SUK3015 SANKEN-SUK3015 Datasheet
355Kb / 10P
   Automotive Qualified
SPF0004 SANKEN-SPF0004 Datasheet
376Kb / 11P
   Automotive Qualified
logo
Texas Instruments
BQ25071-Q1 TI1-BQ25071-Q1 Datasheet
495Kb / 22P
[Old version datasheet]   Automotive Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com