Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTS3035EJ Arkusz danych(PDF) 23 Page - Infineon Technologies AG

Numer części BTS3035EJ
Szczegółowy opis  Smart Low-Side Power Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3035EJ Arkusz danych(HTML) 23 Page - Infineon Technologies AG

Back Button BTS3035EJ Datasheet HTML 19Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 20Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 21Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 22Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 23Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 24Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 25Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 26Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Datasheet
23
Rev. 1.0
2016-09-12
HITFET - BTS3035EJ
Smart Low-Side Power Switch
Electrical Characteristics
Dynamic characteristics - switching timessingle pulseVBAT= 13.5 V, RL= 2.2Ω;
for definition details see Figure 10 “Definition of Power Output Timing for Resistive Load” on Page 14
Turn-on time
tON
35
75
115 µs
3)
VIN = 0 V to 5 V;
VOUT= 10% VBAT
P_9.1.68
Turn-off time
tOFF
70
135 210 µs
4)
VIN = 5 V to 0 V;
VOUT= 90% VBAT
P_9.1.69
Turn-on delay time
tDON
515
25
µs
VIN = 0 V to 5 V;
VOUT= 90% VBAT
P_9.1.70
Turn-off delay time
tDOFF
40
75
120 µs
VIN = 5 V to 0 V;
VOUT= 10% VBAT
P_9.1.71
Fall time, Falling output voltage (turn-
on)
tF
30
60
90
µs
VIN = 0 V to 5 V;
VOUT= 90% VBAT to
VOUT= 10% VBAT
P_9.1.72
Rise time, Rising output voltage
tR
30
60
90
µs
VIN = 5 V to 0 V;
VOUT= 10% VBAT to
VOUT= 90% VBAT
P_9.1.73
Turn-on Slew rate
-(ΔV/Δt)ON 0.22 0.45 0.65 V/µs 5)
VOUT= 90% VBAT to
VOUT= 50% VBAT
P_9.1.74
Turn-off Slew rate
(ΔV/Δt)OFF 0.22 0.45 0.65 V/µs 6)
VOUT= 50% VBAT to
VOUT= 90% VBAT
P_9.1.75
1) Not subject to production test, calculated by RthJA(JEDEC 2s2p, PCB) and RDS(ON)
2) Not subject to production test, specified by design;
3) Not subject to production test, calculated with delay time ON and fall time
4) Not subject to production test, calculated with delay time OFF and rise time
5) Not subject to production test, calculated slew rate between 90% and 50% VOUT
6) Not subject to production test, calculated slew rate between 50% and 90% VOUT
Table 5
Electrical Characteristics: Power Stage (cont’d)
Tj = -40°C to +150°C, VBAT =6 V to 18 V, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.


Podobny numer części - BTS3035EJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTS3035TF INFINEON-BTS3035TF Datasheet
1Mb / 39P
   Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
More results

Podobny opis - BTS3035EJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com