Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTS3035EJ Arkusz danych(PDF) 14 Page - Infineon Technologies AG

Numer części BTS3035EJ
Szczegółowy opis  Smart Low-Side Power Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3035EJ Arkusz danych(HTML) 14 Page - Infineon Technologies AG

Back Button BTS3035EJ Datasheet HTML 10Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 11Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 12Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 13Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 14Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 15Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 16Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 17Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Datasheet
14
Rev. 1.0
2016-09-12
HITFET - BTS3035EJ
Smart Low-Side Power Switch
Power Stage
5
Power Stage
5.1
Output On-state Resistance
The on-state resistance depends on the junction temperature TJ. The Figure below show this dependencies in
terms of temperature and voltage for the typical on-state resistance RDS(ON). The behavior in reverse polarity is
described in“Reverse Current capability” on Page 16
Figure 9
Typical On-State Resistance,
RDS(ON) = f(TJ), VIN = 3 V; VIN = 5 V
5.2
Resistive Load Output Timing
Figure 10 shows the typical timing when switching a resistive load.
Figure 10
Definition of Power Output Timing for Resistive Load
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
120
140
TJ [°C]
3V
5V
t
VOUT
VBAT
Switching.
t
10 %
90 %
tON
tDON
tOFF
tDOFF
VIN
VIN(TH)
50 %
-(
ΔV/Δt)ON
(
ΔV/Δt)OFF
tF
tR


Podobny numer części - BTS3035EJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTS3035TF INFINEON-BTS3035TF Datasheet
1Mb / 39P
   Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
More results

Podobny opis - BTS3035EJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com