Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTS7020-2EPA Arkusz danych(PDF) 48 Page - Infineon Technologies AG

Numer części BTS7020-2EPA
Szczegółowy opis  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7020-2EPA Arkusz danych(HTML) 48 Page - Infineon Technologies AG

Back Button BTS7020-2EPA Datasheet HTML 44Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 45Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 46Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 47Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 48Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 49Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 50Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 51Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
Data Sheet
48
Rev. 1.00
2017-08-24
BTS7020-2EPA
PROFETTM+2
Diagnosis
9.5.1
Electrical Characteristics Diagnosis
Power Supply to IS Pin
Clamping Voltage at
TJ =-40 °C
VSIS(CLAMP)_-
40
33
36.5
42
V
IIS = 1 mA
TJ = -40 °C
See Figure 17
P_9.6.0.9
Power Supply to IS Pin
Clamping Voltage at
TJ ≥ 25 °C
VSIS(CLAMP)_25 35
38
44
V
2)
IIS = 1 mA
TJ ≥ 25 °C
See Figure 17
P_9.6.0.10
1) Not subject to production test - specified by design
2) Tested at TJ = 150°C
Table 21
Electrical Characteristics: Diagnosis
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
SENSE Fault Current
IIS(FAULT)
4.4
5.5
10
mA
See Figure 37 and
Figure 38
P_9.6.1.1
SENSE Open Load in OFF
Current
IIS(OLOFF)
1.9
2.5
3.5
mA
See Figure 37 and
Figure 38
P_9.6.1.2
SENSE Delay Time at
Channel Switch ON after
Last Fault Condition
tIS(FAULT)_D
500
µs
1)
See Figure 35
P_9.6.1.3
SENSE Open Load in OFF
Delay Time
tIS(OLOFF)_D
30
70
120
µs
VDS < VOL(OFF)
from IN falling
edge to IIS =
IS(OLOFF),MIN * 0.9
DEN = “high”
counter = 0
See Figure 39
P_9.6.1.4
Open Load VDS Detection
Threshold in OFF State
VDS(OLOFF)
1.3
1.8
2.3
V
See Figure 38
P_9.6.1.5
SENSE Settling Time with
Nominal Load Current
Stable
tsIS(ON)
–5
20
µs
IL = IL(CAL)
from DEN rising
edge to IIS = IL /
(kILIS,MAX @ IL) * 0.9
See Figure 40
P_9.6.1.6
SENSE Settling Time with
Small Load Current Stable
tsIS(ON)_SLC
––
60
µs
1)
IL = IL(CAL)_OL
from DEN rising
edge to IIS = IL /
(kILIS,MAX @ IL) * 0.9
P_9.6.1.13
Table 20
Electrical Characteristics: Diagnosis - General (continued)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


Podobny numer części - BTS7020-2EPA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTS7020-2EPA INFINEON-BTS7020-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

Podobny opis - BTS7020-2EPA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com