Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDM10VD Arkusz danych(PDF) 10 Page - Infineon Technologies AG

Numer części CDM10VD
Szczegółowy opis  Flexible 0-10V Dimming Solution
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CDM10VD Arkusz danych(HTML) 10 Page - Infineon Technologies AG

Back Button CDM10VD Datasheet HTML 6Page - Infineon Technologies AG CDM10VD Datasheet HTML 7Page - Infineon Technologies AG CDM10VD Datasheet HTML 8Page - Infineon Technologies AG CDM10VD Datasheet HTML 9Page - Infineon Technologies AG CDM10VD Datasheet HTML 10Page - Infineon Technologies AG CDM10VD Datasheet HTML 11Page - Infineon Technologies AG CDM10VD Datasheet HTML 12Page - Infineon Technologies AG CDM10VD Datasheet HTML 13Page - Infineon Technologies AG CDM10VD Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Figure 7
Lock phase default mode
Backup mode
To avoid the Iout behavior during lock phase in default mode, there is an additional option described below. In
normal operation Pin 5 has to be connected to the GND level. In this mode the CDM10VD selects automatically
between the standard hysteresis mode and the frequency conversion mode depending on the input signal on
Rdim+. Leaving the Pin 5 unconnected, the CMD10VD device will switch directly to the frequency conversion
mode and the Iout pin will be tied to GND during the frequency lock phase, see Figure 8. In this mode the
standard hysteresis mode cannot be used.
Figure 8
Lock phase backup mode
CDM10VD
Flexible 0-10V Dimming Solution
Functional Description
Datasheet
10
V1.1
2017-08-02


Podobny numer części - CDM10VD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
CDM10V INFINEON-CDM10V Datasheet
1Mb / 22P
   Flexible 0-10V Dimming Solution
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
   Flexible 0-10V Dimming Solution
V1.1 2017-08-04
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
   0-10V Dimming Solution
V1.0 2017-07-04
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
   A 0-10V Dimming Solution
V1.1 2017-08-04
More results

Podobny opis - CDM10VD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
CDM10V INFINEON-CDM10V Datasheet
1Mb / 22P
   Flexible 0-10V Dimming Solution
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
   Flexible 0-10V Dimming Solution
V1.1 2017-08-04
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
   0-10V Dimming Solution
V1.0 2017-07-04
logo
Leadtrend Technology
LD8116A LEADTREND-LD8116A Datasheet
821Kb / 13P
   Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116C LEADTREND-LD8116C Datasheet
738Kb / 13P
   Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116D LEADTREND-LD8116D Datasheet
756Kb / 13P
   Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116B LEADTREND-LD8116B Datasheet
2Mb / 13P
   Flexible Dimming Solution by PWM / 0-10V / Potentiometer
logo
Infineon Technologies A...
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
   A 0-10V Dimming Solution
V1.1 2017-08-04
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
   FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
logo
List of Unclassifed Man...
XJ180C090V285PSF2M ETC-XJ180C090V285PSF2M Datasheet
1Mb / 10P
   180W 0.1-0.9A 0-10V Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com