Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3223 Arkusz danych(PDF) 27 Page - ON Semiconductor

Numer części FAN3223
Szczegółowy opis  Dual 4-A High-Speed, Low-Side Gate Drivers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3223 Arkusz danych(HTML) 27 Page - ON Semiconductor

Back Button FAN3223 Datasheet HTML 21Page - ON Semiconductor FAN3223 Datasheet HTML 22Page - ON Semiconductor FAN3223 Datasheet HTML 23Page - ON Semiconductor FAN3223 Datasheet HTML 24Page - ON Semiconductor FAN3223 Datasheet HTML 25Page - ON Semiconductor FAN3223 Datasheet HTML 26Page - ON Semiconductor FAN3223 Datasheet HTML 27Page - ON Semiconductor FAN3223 Datasheet HTML 28Page - ON Semiconductor FAN3223 Datasheet HTML 29Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
www.onsemi.com
27
Physical Dimensions
NOTES:
A. CONFORMS TO JEDEC REGISTRATION MO-229,
VARIATION VEEC, DATED 11/2001.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 2009.
D. LAND PATTERN RECOMMENDATION IS
EXISTING INDUSTRY LAND PATTERN.
E. DRAWING FILENAME: MKT-MLP08Drev3
0.10
C A B
0.05
C
TOP VIEW
BOTTOM VIEW
RECOMMENDED LAND PATTERN
0.10 C
0.08 C
3.00
3.00
0.10 C
2X
2X
SEATING
PLANE
0.10 C
(0.20)
1.99
3.30
(0.65)
1
4
5
8
5
8
4
1
0.65
1.95
0.65 TYP
2.37
1.42
0.42 TYP
PIN #1 IDENT
A
B
0.80 MAX
0.05
0.00
C
FRONT VIEW
2.25MAX
PIN #1 IDENT
1.30MAX
0.45
0.20
0.25
0.35
Figure 58.
3x3 mm , 8-Lead Molded Leadless Package (MLP)


Podobny numer części - FAN3223

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FAN3223C FAIRCHILD-FAN3223C Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
More results

Podobny opis - FAN3223

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
   Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3226 ONSEMI-FAN3226 Datasheet
1Mb / 26P
   Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com