Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCX028BMT Arkusz danych(PDF) 4 Page - Sony Corporation

Numer części LCX028BMT
Szczegółowy opis  4.6cm (1.8-inch) Black-and-White LCD Panel
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX028BMT Arkusz danych(HTML) 4 Page - Sony Corporation

  LCX028BMT Datasheet HTML 1Page - Sony Corporation LCX028BMT Datasheet HTML 2Page - Sony Corporation LCX028BMT Datasheet HTML 3Page - Sony Corporation LCX028BMT Datasheet HTML 4Page - Sony Corporation LCX028BMT Datasheet HTML 5Page - Sony Corporation LCX028BMT Datasheet HTML 6Page - Sony Corporation LCX028BMT Datasheet HTML 7Page - Sony Corporation LCX028BMT Datasheet HTML 8Page - Sony Corporation LCX028BMT Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
– 4 –
LCX028BMT
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
PSIG
COMR
VSIG1
VSIG2
VSIG3
VSIG4
VSIG5
VSIG6
VSIG7
VSIG8
VSIG9
VSIG10
VSIG11
VSIG12
HVDD
RGT
HST
HCK1
HCK2
VSS
COML
BLK
ENB
VCK
VST
DWN
VB1
VB2
PCG
VVDD
VSSG
COM
Symbol
Description
Uniformity improvement signal
Voltage for right CS (storage capacity) electrode line
Video signal 1 to panel
Video signal 2 to panel
Video signal 3 to panel
Video signal 4 to panel
Video signal 5 to panel
Video signal 6 to panel
Video signal 7 to panel
Video signal 8 to panel
Video signal 9 to panel
Video signal 10 to panel
Video signal 11 to panel
Video signal 12 to panel
Power supply for H driver
Drive direction pulse for H shift register (H: nomal, L: reverse)
Start pulse for H shift register drive
Clock pulse for H shift register drive 1
Clock pulse for H shift register drive 2
GND (H, V drivers)
Voltage for left CS (storage capacity) electrode line
Black Frame display pulse
Enable pulse for gate selection
Clock pulse for V shift register drive
Start pulse for V shift register drive
Drive direction pulse for V shift register (H: nomal, L: reverse)
Display area switching 1
Display area switching 2
Improvement pulse for uniformity
Power supply for V driver
GND for V gate
Common voltage of panel


Podobny numer części - LCX028BMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX028 SONY-LCX028 Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028 SONY-LCX028 Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
More results

Podobny opis - LCX028BMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX017DLT SONY-LCX017DLT Datasheet
311Kb / 26P
   4.6cm (1.8 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com