Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBSG72AMNR2 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części NBSG72AMNR2
Szczegółowy opis  2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72AMNR2 Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button NBSG72AMNR2 Datasheet HTML 3Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 4Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 5Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 6Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 7Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 8Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 9Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 10Page - ON Semiconductor NBSG72AMNR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NBSG72A
http://onsemi.com
7
Table 9. DC CHARACTERISTICS, NECL INPUT WITH NECL OUTPUT VCC = 0 V; VEE = −3.465 V to −2.375 V (Note 13)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
40
55
65
40
55
65
40
55
65
mA
VOH
Output HIGH Voltage (Note 14)
−1040
−990
−840
−1010
−960
−910
−985
−935
−885
mV
VOL
Output LOW Voltage (Note 14)
−3.465 V
v VEE v −3.0 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS =FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
−3.0 V < VEE v −2.375 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS =FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
−1980
−1270
−1750
−1040
−1515
−1945
−1265
−1725
−1045
−1495
−1830
−1210
−1630
−990
−1425
−1795
−1205
−1605
−995
−1405
−1680
−1150
−1510
−940
−1335
−1645
−1145
−1485
−945
−1315
−1940
−1235
−1715
−1010
−1480
−1905
−1230
−1690
−1010
−1460
−1790
−1175
−1595
−960
−1390
−1755
−1170
−1570
−960
−1370
−1640
−1115
−1475
−910
−1300
−1605
−1110
−1450
−910
−1280
−1910
−1210
−1685
−985
−1450
−1875
−1205
−1660
−990
−1435
−1760
−1150
−1565
−935
−1360
−1725
−1145
−1540
−940
−1345
−1610
−1090
−1445
−885
−1270
−1575
−1085
−1420
−890
−1255
mV
VOUTPP
Output Voltage Amplitude
−3.465 V
v VEE v −3.0 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
−3.0 V < VEE v −2.375 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS =FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
715
130
550
0
345
700
125
525
0
325
815
220
640
0
435
800
215
615
5
415
705
125
545
0
340
690
120
520
0
320
805
215
635
0
430
795
210
610
0
410
690
125
540
0
335
680
120
515
0
320
800
215
630
0
425
790
210
605
5
410
mV
VIH
Input HIGH Voltage (Single−Ended)
(Note 16)
D0, D0, D1, D1
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
(Note 17)
D0, D0, D1, D1
VIH
2600
VCC
1400*
VIH
150
VIH
2600
VCC
1400*
VIH
150
VIH
2600
VCC
1400*
VIH
150
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 15)
VEE+1.2
0.0
VEE+1.2
0.0
VEE+1.2
0.0
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@VIH)
35
100
35
100
35
100
mA
IIL
Input LOW Current (@VIL)
20
100
20
100
20
100
mA
IOLS
OLS Input Current (See Figure 9)
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
−3.0 V < VEE v −2.375 V
(OLS = VEE)
−3.465 V
v VEE v −3.0 V
*(OLS = VEE)
−300
−1000
−1500
300
100
5
−100
−400
−600
900
300
100
−300
−1000
−1500
300
100
5
−100
−400
−600
900
300
100
−300
−1000
−1500
300
100
5
−100
−400
−600
900
300
100
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
*Typicals used for testing purposes.
**When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
13. Input and output parameters vary 1:1 with VCC.
14. All loading with 50
W to VCC − 2.0 V.
15. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
16. VIH cannot exceed VCC.
17. VIL always w VEE.


Podobny numer części - NBSG72AMNR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG72AMNR2 ONSEMI-NBSG72AMNR2 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNR2G ONSEMI-NBSG72AMNR2G Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNR2G ONSEMI-NBSG72AMNR2G Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
More results

Podobny opis - NBSG72AMNR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG72AMN ONSEMI-NBSG72AMN_14 Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com