Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL05T1 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części SL05T1
Szczegółowy opis  300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SL05T1 Arkusz danych(HTML) 4 Page - ON Semiconductor

  SL05T1 Datasheet HTML 1Page - ON Semiconductor SL05T1 Datasheet HTML 2Page - ON Semiconductor SL05T1 Datasheet HTML 3Page - ON Semiconductor SL05T1 Datasheet HTML 4Page - ON Semiconductor SL05T1 Datasheet HTML 5Page - ON Semiconductor SL05T1 Datasheet HTML 6Page - ON Semiconductor SL05T1 Datasheet HTML 7Page - ON Semiconductor SL05T1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SL05T1 Series
http://onsemi.com
4
INFORMATION FOR USING THE SOT–23 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the
total design. The footprint for the semiconductor packages
must be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOT–23
mm
inches
0.037
0.95
0.037
0.95
0.079
2.0
0.035
0.9
0.031
0.8
SOT–23 POWER DISSIPATION
The power dissipation of the SOT–23 is a function of the
drain pad size. This can vary from the minimum pad size
for soldering to a pad size given for maximum power
dissipation. Power dissipation for a surface mount device is
determined by TJ(max), the maximum rated junction
temperature of the die, RqJA, the thermal resistance from
the device junction to ambient, and the operating
temperature, TA. Using the values provided on the data
sheet for the SOT–23 package, PD can be calculated as
follows:
PD =
TJ(max) – TA
RqJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values
into the equation for an ambient temperature TA of 25°C,
one can calculate the power dissipation of the device which
in this case is 225 milliwatts.
PD =
150
°C – 25°C
= 225 milliwatts
556
°C/W
The 556
°C/W for the SOT–23 package assumes the use
of the recommended footprint on a glass epoxy printed
circuit board to achieve a power dissipation of 225
milliwatts. There are other alternatives to achieving higher
power dissipation from the SOT–23 package. Another
alternative would be to use a ceramic substrate or an
aluminum core board such as Thermal Clad®. Using a
board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within
a short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
• Always preheat the device.
• The delta temperature between the preheat and
soldering should be 100
°C or less.*
• When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering
method, the difference shall be a maximum of 10
°C.
• The soldering temperature and time shall not exceed
260
°C for more than 10 seconds.
• When shifting from preheating to soldering, the
maximum temperature gradient shall be 5
°C or less.
• After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and
result in latent failure due to mechanical stress.
• Mechanical stress or shock should not be applied
during cooling.
* * Soldering a device without preheating can cause
excessive thermal shock and stress which can result in
damage to the device.


Podobny numer części - SL05T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
SL05T1 ONSEMI-SL05T1 Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
SL05T1 ONSEMI-SL05T1 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
SL05T1 ONSEMI-SL05T1 Datasheet
113Kb / 5P
   300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
SL05T1G ONSEMI-SL05T1G Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
SL05T1G ONSEMI-SL05T1G Datasheet
113Kb / 5P
   300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
More results

Podobny opis - SL05T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
SL05T1 ONSEMI-SL05T1_06 Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
SL12T1 ONSEMI-SL12T1 Datasheet
113Kb / 5P
   300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
logo
Semtech Corporation
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
logo
Protek Devices
SMDA03-6 PROTEC-SMDA03-6_11 Datasheet
512Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_12 Datasheet
513Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
SM16LC03 PROTEC-SM16LC03_11 Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com