Zakładka z wyszukiwarką danych komponentów |
|
ST1000C24K1 Arkusz danych(PDF) 2 Page - International Rectifier |
|
ST1000C24K1 Arkusz danych(HTML) 2 Page - International Rectifier |
2 / 7 page ST1000C..K Series 2 Bulletin I25202 rev. A 01/00 www.irf.com ELECTRICAL SPECIFICATIONS Voltage Ratings Voltage V RRM , maximum repetitive V RSM , maximum non- I RRM max. Type number Code peak reverse voltage repetitive peak rev. voltage @ T J = 125°C VV mA 12 1200 1300 16 1600 1700 20 2000 2100 22 2200 2300 24 2400 2500 26 2600 2700 ST1000C..K 100 I T(AV) Maximum average on-state current 1473 (630) A 180° conduction, half sine wave @ Heatsink temperature 55 (85) °C Double side (single side) cooled I T(RMS) Maximum RMS on-state current 6540 A DC @ 25°C heatsink temp. double side cooled I TSM Maximum peak, one-cycle, 20.0 KA t = 10ms No voltage non-repetitive surge current 21.2 t = 8.3ms reapplied 17.0 t = 10ms 100% V RRM 18.1 t = 8.3ms reapplied Sinusoidal half wave, I2t Maximum I2t for fusing 2000 KA2s t = 10ms No voltage Initial T J = T J max. 1865 t = 8.3ms reapplied 1445 t = 10ms 100% V RRM 1360 t = 8.3ms reapplied I2 √t Maximum I2 √t for fusing 20000 KA2 √s t = 0.1 to 10ms, no voltage reapplied VT(TO)1 Low level value of threshold voltage 0.950 V (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. VT(TO)2 High level value of threshold voltage 1.024 (I > π x I T(AV)), T J = TJ max. rt1 Low level value of on-state slope resistance 0.283 m Ω (16.7% x π x I T(AV) < I < π x IT(AV)), TJ = TJ max. rt2 High level value of on-state slope resistance 0.265 (I > π x I T(AV)), T J = TJ max. V TM Maximum on-state voltage drop 1.80 V I pk = 3000A, T J = 125°C, t p = 10ms sine pulse I H Maximum holding current 600 mA T J = 25°C, anode supply 12V resistive load I L Typical latching current 1000 Parameter ST1000C..K Units Conditions On-state Conduction |
Podobny numer części - ST1000C24K1 |
|
Podobny opis - ST1000C24K1 |