Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


TC7PA04FU Datasheet(Arkusz danych) 3 Page - Toshiba Semiconductor

Numer części TC7PA04FU
Szczegółowy opis  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Pobierz  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TC7PA04FU
2002-08-21
3
DC Electrical Characteristics (Ta
==== ----40~~~~85°°°°C, 2.7 V < VCC <<<<==== 3.6 V)
DC Characteristics (Ta
==== ----40~~~~85°°°°C, 2.3 V <<<<==== VCC <<<<==== 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High-Level Input Voltage
VIH
¾
2.7~3.6
2.0
¾
Low-Level Input Voltage
VIL
¾
2.7~3.6
¾
0.8
V
IOH = -100 mA
2.7~3.6
VCC
- 0.2
¾
IOH = -12 mA
2.7
2.2
¾
IOH = -18 mA
3.0
2.4
¾
High-Level Output Voltage
VOH
VIN = VIL
IOH = -24 mA
3.0
2.2
¾
IOL = 100 mA
2.7~3.6
¾
0.2
IOL = 12 mA
2.7
¾
0.4
IOL = 18 mA
3.0
¾
0.4
Low-Level Output Voltage
VOL
VIN = VIH
IOL = 24 mA
3.0
¾
0.55
V
Input Leakage Current
IIN
VIN = 0~3.6 V
2.7~3.6
¾
±5.0
mA
Power-off Leakage Current
IOFF
VIN, VOUT = 0~3.6 V
0
¾
10.0
mA
VIN = VCC or GND
2.7~3.6
¾
20.0
Quiescent Supply Current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.7~3.6
¾
±20.0
Increase in ICC per Input
DICC
VIH = VCC - 0.6 V
2.7~3.6
¾
750
mA
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High-Level Input Voltage
VIH
¾
2.3~2.7
1.6
¾
Low-Level Input Voltage
VIL
¾
2.3~2.7
¾
0.7
V
IOH = -100 mA
2.3~2.7
VCC
- 0.2
¾
IOH = -6 mA
2.3
2.0
¾
IOH = -12 mA
2.3
1.8
¾
High-Level Output Voltage
VOH
VIN = VIL
IOH = -18 mA
2.3
1.7
¾
IOL = 100 mA
2.3~2.7
¾
0.2
IOL = 12 mA
2.3
¾
0.4
Low-Level Output Voltage
VOL
VIN = VIH
IOL = 18 mA
2.3
¾
0.6
V
Input Leakage Current
IIN
VIN = 0~3.6 V
2.3~2.7
¾
±5.0
mA
Power-off Leakage Current
IOFF
VIN, VOUT = 0~3.6 V
0
¾
10.0
mA
VIN = VCC or GND
2.3~2.7
¾
20.0
Quiescent Supply Current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.3~2.7
¾
±20.0
mA




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
TC74HC374AFWTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT139FNTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC573APTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT175PTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC4050APTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC153AFTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC7MA245FKTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC7PA05FUTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC74LCX164245FTTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC90A67FTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl