Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3200D1 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TPA3200D1
Szczegółowy opis  20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3200D1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPA3200D1 Datasheet HTML 6Page - Texas Instruments TPA3200D1 Datasheet HTML 7Page - Texas Instruments TPA3200D1 Datasheet HTML 8Page - Texas Instruments TPA3200D1 Datasheet HTML 9Page - Texas Instruments TPA3200D1 Datasheet HTML 10Page - Texas Instruments TPA3200D1 Datasheet HTML 11Page - Texas Instruments TPA3200D1 Datasheet HTML 12Page - Texas Instruments TPA3200D1 Datasheet HTML 13Page - Texas Instruments TPA3200D1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
PO − Output Power − W
4
8
VCC = 12 V
5
7
9
11
13
15
17
19
21
3.6
4
5
6
7
8
9
10
VCC = 18 V
VCC = 15 V
VCC = 12 V
TA = 25°C,
10% THD Maximum
Load Impedance −
5
7
9
11
13
15
17
19
21
3.6
4
5
6
7
8
9
10
VCC = 18 V
VCC = 15 V
VCC = 12 V
ZL − Load Impedance − Ω
TA = 45°C
5
7
9
11
13
15
17
19
21
3.6
4
5
6
7
8
9
10
VCC = 18 V
VCC = 15 V
VCC = 12 V
ZL − Load Impedance − Ω
TA = 60°C
TPA3200D1
SLOS442 – MAY 2005
TYPICAL CHARACTERISTICS (continued)
Efficiency
Output Power
vs
vs
Output Power
Load Impedance
Figure 9.
Figure 10.
Maximum Output Power
Maximum Output Power
vs
vs
Load Impedance
Load Impedance
Figure 11.
Figure 12.
10


Podobny numer części - TPA3200D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3200D1 TI-TPA3200D1 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1DCP TI-TPA3200D1DCP Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1DCPG4 TI-TPA3200D1DCPG4 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1DCPR TI-TPA3200D1DCPR Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1DCPRG4 TI-TPA3200D1DCPRG4 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
More results

Podobny opis - TPA3200D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
   PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
SSM2529 AD-SSM2529 Datasheet
811Kb / 52P
   Digital Input, Mono 2 W, Class-D Audio Power Amplifier
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
logo
Texas Instruments
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
[Old version datasheet]   Digital Input Mono Class-D Audio Amplifier
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com