Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5520 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD5520
Szczegółowy opis  Per Pin Parametric Measurement Unit/Source Measure Unit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5520 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD5520 Datasheet HTML 2Page - Analog Devices AD5520 Datasheet HTML 3Page - Analog Devices AD5520 Datasheet HTML 4Page - Analog Devices AD5520 Datasheet HTML 5Page - Analog Devices AD5520 Datasheet HTML 6Page - Analog Devices AD5520 Datasheet HTML 7Page - Analog Devices AD5520 Datasheet HTML 8Page - Analog Devices AD5520 Datasheet HTML 9Page - Analog Devices AD5520 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. A
–6–
AD5520
PIN CONFIGURATION
64-Lead LQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
AD5520
(Not to Scale)
CPL
CPH
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
NC = NO CONNECT
DVDD
CPOH
CPOL
CPCK
DGND
CLHDETECT
QM4
QM5
MOE
AC0
AC1
AVCC_G
MEASVL
GUARD(NC)
MEASVH
MEASIL
MEASI0H
FOH0
MEASI1H
FOH1
MEASI2H
FOH2
MEASI3H
FOH3
MEASI4H
MEASI5H
AVEE_B
CLLDETECT
CS
STB
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
CPH
Upper Comparator Threshold Voltage Input, CPH > CPL.
2
CPL
Lower Comparator Threshold Voltage Input, CPL < CPH.
3, 18
DVDD
Digital Supply Voltage.
4
CPOH
Logic Output. When high, indicates MEASVOUT or MEASIOUT > CPH.
5
CPOL
Logic Output. When high, indicates MEASVOUT or MEASIOUT < CPL.
6CPCK
Logic Input. Used to initiate comparator sampling and update CPOH and CPOL.
7, 17
DGND
Digital Ground.
8
CLHDETECT
Logic Output. When high, indicates upper clamp active. For details, see the Clamp Function section.
9
CLLDETECT
Logic Output. When high, indicates lower clamp active. For details, see the Clamp Function section.
10
QM4
Logic Output. When high, indicates current range Mode 4 is enabled. May be used to drive external
relay or switch. For details, see the High Current Ranges section.
11
QM5
Logic Output. When high, indicates current range Mode 5 is enabled. May be used to drive external
relay or switch. For details, see the High Current Ranges section.
12
MOE
Active Low MEASOUT Enable.
13
CS
Active Low Logic Input. The device is selected when this pin is low. For details, see the Interface
section.
14
STB
Active Low Logic Input. Used in conjunction with CPCK and
CS to configure the device for differ-
ent configurations. Rising edge of
STB triggers sequence inputs. For details, see the Interface section.
15
AC0
Logic Input. Used in conjunction with AC1 to select one of three external compensation capacitors.
For details, see the Force Control Amplifier section.
16
AC1
Logic Input. Used in conjunction with AC0 to select one of three external compensation capacitors.
For details, see the Force Control Amplifier section.


Podobny numer części - AD5520

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5520 AD-AD5520 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
AD5520 AD-AD5520 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JST AD-AD5520JST Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
More results

Podobny opis - AD5520

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com