Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCRF250 Arkusz danych(PDF) 9 Page - Microchip Technology

Numer części MCRF250
Szczegółowy opis  125 kHz microID Passive RFID Device with Anti-Collision
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF250 Arkusz danych(HTML) 9 Page - Microchip Technology

Back Button MCRF250 Datasheet HTML 5Page - Microchip Technology MCRF250 Datasheet HTML 6Page - Microchip Technology MCRF250 Datasheet HTML 7Page - Microchip Technology MCRF250 Datasheet HTML 8Page - Microchip Technology MCRF250 Datasheet HTML 9Page - Microchip Technology MCRF250 Datasheet HTML 10Page - Microchip Technology MCRF250 Datasheet HTML 11Page - Microchip Technology MCRF250 Datasheet HTML 12Page - Microchip Technology MCRF250 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2003 Microchip Technology Inc.
DS21267F-page 9
MCRF250
4.0
CONTACTLESS
PROGRAMMING
The contactless programming of the device is possible
for a blank device (CB12 = 0) only, and is
recommended for only low-volume, manual operation
during
development.
In
volume
production,
the
MCRF250 is normally used as a factory programmed
device only. The contactless programming timing
sequence consists of:
a)
RF Power-up signal.
b)
Short gap (absence of RF field).
c)
Verify signal (continuous RF signal).
d)
Programming signal.
e)
Device response with programmed data.
The blank device (CB12 = 0) understands the RF
power-up followed by a gap as a blank checking
command, and outputs 128 bits of FSK data with all ‘1’s
after the short gap. To see this blank data (verify), the
reader/programmer must provide a continuous RF
signal for 128 bit-time. (The blank (unprogrammed)
device has all ‘F’s in its memory array. Therefore, the
blank data should be all ‘1’s in FSK format). Since the
blank device operates at Default mode (MOD128),
there are 128 RF cycles for each bit. Therefore, the
time requirement to complete this verify is 128 bits x
128 RF cycles/bit x 8 use/cycles = 131.1 msec for
125 kHz signal.
As soon as the device completes the verify, it enters the
programming mode. The reader/programmer must
provide RF programming data right after the verify. In
this programming mode, each bit lasts for 128 RF
cycles.
Refer
to
Figure 4-1 for
the contactless
programming sequence.
Customer must provide the following specific voltage
for the programming:
1.
Power-up and verify signal = 13.5 VPP ±1 VPP
2.
Programming voltage:
- To program bit to ‘1’: 13.5 VPP ±1 VPP
- To program bit to ‘0’: 30 VPP ±2 VPP
After the programming cycle, the device outputs
programmed data (response). The reader/programmer
can send the programming data repeatedly after the
device response until the programming is successfully
completed. The device locks the CB12 as soon as the
programming mode (out of field) is exited and becomes
a read-only device.
Once the device is programmed (CB12 = 1), the device
outputs its data according to the configuration register.
The PG103001 (Contactless Programmer) is used for
the programming of the device. The voltage level
shown in Figure 4-1 is adjusted by R5 and R7 in the
contactless programmer. Refer to the MicroID
125 kHz RFID System Design Guide (DS51115) for
more information.


Podobny numer części - MCRF250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MCRF200 MICROCHIP-MCRF200 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M00A MICROCHIP-MCRF200I/1M00A Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M08D MICROCHIP-MCRF200I/1M08D Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M14D MICROCHIP-MCRF200I/1M14D Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1MQ23 MICROCHIP-MCRF200I/1MQ23 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
More results

Podobny opis - MCRF250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MCRF200 MICROCHIP-MCRF200 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF355 MICROCHIP-MCRF355 Datasheet
497Kb / 22P
   13.56 MHz Passive RFID Device with Anti-Collision Feature
10/18/02
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
logo
EM Microelectronic - MA...
EM4022 EMMICRO-EM4022 Datasheet
278Kb / 15P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
ATA5551M-PPMY ATMEL-ATA5551M-PPMY_14 Datasheet
1Mb / 28P
   Standard Read/Write ID Transponder with Anti-collision
TK5551 ATMEL-TK5551_06 Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
logo
EM Microelectronic - MA...
P4022 EMMICRO-P4022 Datasheet
425Kb / 13P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
logo
Microchip Technology
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
ATMEL Corporation
AT88RF256-12 ATMEL-AT88RF256-12 Datasheet
190Kb / 12P
   125 kHz RFID Chip for Cards and Tags
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com