Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9022 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9022
Szczegółowy opis  12-Bit 20 MSPS Monolithic A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9022 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9022 Datasheet HTML 2Page - Analog Devices AD9022 Datasheet HTML 3Page - Analog Devices AD9022 Datasheet HTML 4Page - Analog Devices AD9022 Datasheet HTML 5Page - Analog Devices AD9022 Datasheet HTML 6Page - Analog Devices AD9022 Datasheet HTML 7Page - Analog Devices AD9022 Datasheet HTML 8Page - Analog Devices AD9022 Datasheet HTML 9Page - Analog Devices AD9022 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
–6–
AD9022
REV. B
–Typical Performance Characteristics
ANALOG INPUT FREQUENCY – MHz
–76
–72
–68
010
1
2345
6
789
–75
–74
–70
–69
–73
–71
+25 C
ROOM
–55 C
+125 C
Figure 2. Harmonic Distortion vs. Analog Input
Frequency
ENCODE RATE – MSPS
85
5.0
WORST HARMONICS
SNR
AIN = 1.2MHz
80
75
70
65
60
55
7.5
10.0
12.5
17.5
15.0
20.0
22.5
25.0
Figure 3. SNR and Harmonics vs. Encode Rate
OUTPUT CODE
2.0
–2.0
4096
–1.0
–1.5
1024
0
–0.5
0.5
1.0
1.5
3072
2048
AIN = 1.2MHz
FS = 20MSPS
Figure 4. Differential Nonlinearity vs. Output Code
70
35
19.3
50
40
2.3
45
1.24
65
55
60
17.3
15.3
13.3
9.6
7.3
5.3
11.3
ANALOG INPUT FREQUENCY – MHz
+25 C
–55 C
+125 C
Figure 5. Signal-to-Noise Ratio vs. Analog Input
Frequency
90
0
–1
20
10
–45
–50
30
40
50
60
70
80
–5
–10
–15
–20
–25
–30
–35
–40
INPUT LEVEL – dB
AIN = 1.2MHz
ENCODE = 20MHz
SFDR
SNR
Figure 6. SFDR and SNR vs. Analog Input Level
0
–1
20
10
–45
–50
30
40
50
60
70
80
–5
–10
–15
–20
–25
–30
–35
–40
INPUT LEVEL – dB
AIN = 9.6MHz
ENCODE = 20MHz
SFDR
SNR
Figure 7. SFDR and SNR vs. Analog Input Level


Podobny numer części - AD9022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
More results

Podobny opis - AD9022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
logo
Honeywell Solid State E...
HMXADC9225 HONEYWELL-HMXADC9225 Datasheet
278Kb / 11P
   Radiation Hardened 12-Bit, 20 MSPS Monolithic A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com