Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9022AQ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9022AQ
Szczegółowy opis  12-Bit 20 MSPS Monolithic A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9022AQ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9022AQ Datasheet HTML 3Page - Analog Devices AD9022AQ Datasheet HTML 4Page - Analog Devices AD9022AQ Datasheet HTML 5Page - Analog Devices AD9022AQ Datasheet HTML 6Page - Analog Devices AD9022AQ Datasheet HTML 7Page - Analog Devices AD9022AQ Datasheet HTML 8Page - Analog Devices AD9022AQ Datasheet HTML 9Page - Analog Devices AD9022AQ Datasheet HTML 10Page - Analog Devices AD9022AQ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9022
REV. B
–7–
is present when the unit is strobed with an ENCODE com-
mand. The conversion process begins on the rising edge of this
pulse, which should conform to the minimum and maximum
pulsewidth requirements shown in the specifications. Operation
below the recommended encode rate (4 MSPS) may result in
excessive droop in the internal T/H devices–leading to large dc
and ac errors.
The held analog value of the first track-and-hold is applied to a
5-bit flash converter and a second T/H. The 5-bit flash con-
verter resolves the most significant bits (MSBs) of the held
analog voltage. These five bits are reconstructed via a 5-bit
DAC and subtracted from the original T/H output signal to
form a residue signal.
A second T/H holds the amplified residue signal while it is en-
coded with a second 5-bit flash ADC. Again the five bits are
reconstructed and subtracted from the second T/H output to
form a residue signal. This residue is amplified and encoded
with a 4-bit flash ADC to provide the three least significant bits
(LSBs) of the digital output and one bit of error correction.
Digital Error Correction logic aligns the data from the three
flash converters and presents the result as a 12-bit parallel digi-
tal word. The output stage of the AD9022 is TTL. Output data
may be strobed on the rising edge of the ENCODE command.
AD9022 IN RECEIVER APPLICATIONS
Advances in semiconductor processes have resulted in low cost
digital signal processing (DSP) and analog signal processing
which can help create cost effective alternative receiver designs.
Today, an all-digital receiver allows tuning, demodulation, and
detection of receiver signals in the digital domain. By digitizing
IF signals directly, and utilizing digital techniques, it becomes
possible to make significant improvements in receiver design.
For high frequency IFs, the ADC is the key to the receiver’s
performance. Unfortunately, the specifications frequently used
by receiver designers and analog-to-digital (ADC) manufactur-
ers are often very different. Noise Figure and Intercept Point are
common measures of noise and linearity in analog RF system
design. ADCs are more frequently specified in terms of SNR
and harmonic distortion.
Noise
Noise figure (NF) is a measure of receiver sensitivity and is
defined as the degradation of signal-to-noise ratio (SNR) as a
signal passes through a device. In equation form:
NF = SNR (in) – SNR (out)
Noise figure is a bandwidth invariant parameter for reasonably
narrow bandwidths in most devices. The system noise figure for
a combination of amplifiers and mixers, for instance, can be
analyzed without regard to the information bandwidth.
Thermal noise contribution from the ADC behaves in a similar
fashion; however, the spectral density of quantization noise is a
function of the sample rate. In addition, the spectral density of
the quantization noise is flat only in an ADC with perfect linear-
ity, i.e., perfect 1 LSB step sizes.
To analyze the system noise performance, ADC noise figure is
calculated by normalizing the SNR of the ADC output to a 1 Hz
bandwidth. This result is given by:
SNR (/Hz) = SNR + 10 log10 (FS/2)
where FS is the sample rate.
THEORY OF OPERATION
Refer to the block diagram.
The AD9022 employs a three-pass subranging architecture and
digital error correction. This combination of design techniques
ensures 12-bit accuracy at relatively low power.
Analog input signals are immediately attenuated through a
resistor divider and applied directly to the sampling bridge of
the track-and-hold (T/H). The T/H holds whatever analog value
0
–100
–70
–90
–80
–40
–60
–50
–30
–20
–10
FREQUENCY – MHz
10
0
AIN = 1.2MHz
AIN = –1.0dBFS
SNR = 66.7dB
THD = 77.51dB
SFDR = 79.49dBFS
Figure 8. FFT Plot
0
–100
–70
–90
–80
–40
–60
–50
–30
–20
–10
FREQUENCY – MHz
10
AIN = 9.6MHz
AIN = –1.0dBFS
SNR = 66.05dB
THD = 74.28dB
SFDR = 75.32dBFS
0
Figure 9. FFT Plot
10.0
0.0
8.0
6.0
4.0
2.0
AIN1 = 8.9MHz
AIN2 = 9.8MHz
AIN1 = 7.0dBFS
AIN2 = 7.0dBFS
SFDR = 80.62dBFS
0
100
80
40
60
20
FREQUENCY – MHz
120
Figure 10. Two-Tone FFT


Podobny numer części - AD9022AQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
More results

Podobny opis - AD9022AQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
logo
Honeywell Solid State E...
HMXADC9225 HONEYWELL-HMXADC9225 Datasheet
278Kb / 11P
   Radiation Hardened 12-Bit, 20 MSPS Monolithic A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com