Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9022SQ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9022SQ
Szczegółowy opis  12-Bit 20 MSPS Monolithic A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9022SQ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9022SQ Datasheet HTML 4Page - Analog Devices AD9022SQ Datasheet HTML 5Page - Analog Devices AD9022SQ Datasheet HTML 6Page - Analog Devices AD9022SQ Datasheet HTML 7Page - Analog Devices AD9022SQ Datasheet HTML 8Page - Analog Devices AD9022SQ Datasheet HTML 9Page - Analog Devices AD9022SQ Datasheet HTML 10Page - Analog Devices AD9022SQ Datasheet HTML 11Page - Analog Devices AD9022SQ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
–10–
AD9022
REV. B
Analog Input
Analog input signals can be directly fed into the device under
test input (AIN). The AIN input is terminated at the device with
a 62
Ω resistor to give a parallel equivalent of 51 Ω (62 Ω 300 Ω).
DAC Reconstruction
The AD9022 evaluation board provides an onboard AD9713B
reconstruction DAC for observing the digitized analog input
signal. The AD9713B is terminated into 51
Ω to provide a
1 V p-p signal at the output (RC Output).
Output Data
The output data bits are latched with two 74LS574 latches
which drive a 40-pin connector (AMP p/n 102153-09). The
data and clock signals are available at the connector per the pin
assignments shown on the schematic of the evaluation board.
Data is latched on the rising edge of the encode clock.
8
12
1D
2D
3D
4D
5D
6D
7D
8D
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
CK OE
U4
74LS574
2
3
4
5
6
7
8
9
25
24
23
22
21
20
19
18
17
D9
D10
D11
D12 LSB
ENCODE
AIN
D8
D7
D6
D5
D4
D3
D2
MSB D1
COMP
U1
AD9022Q
–5.2V
C4
0.1 F
11
1
19
18
17
16
15
14
13
12
2
3
4
5
6
7
8
9
10
11
14
28
R12
R14
R15
R16
R17
R18
R19
R20
D12 (LSB)
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1 (MSB)
LE
26
R8
R9
R10
R11
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
20
19
–5.2V
R4
7.5k
C5
0.1 F
R5
51
RC
OUT
U2
AD9698R
14
13
16
3
4
U2
AD9698R
11
12
9
6
5
R1
51
+5V
1
2
CR1
AD589H
C1
0.1 F
BNC
J1
CLOCK
R7
62
AIN
E2 E1
BNC
J2
U5
AD9713P
R6
51
BNC
J4
CLK
R2
5.1k
R21
100
U6
74AS32
8
9
10
RSET
REFOUT
CIN
COUT
REFIN
IOUT
24
18
R3
20
17
16
14
IOUT
1D
2D
3D
4D
5D
6D
7D
8D
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
CK OE
U3
74LS574
2
3
4
5
6
7
8
9
11
1
19
18
17
16
15
14
13
12
C13
0.1 F
C2
10 F
20%
35V
C6
0.1 F
C7
0.1 F
C8
0.1 F
C9
0.1 F
C10
0.1 F
C11
0.1 F
C12
0.1 F
+5V
C22
0.1 F
U6
74AS32
3
1
2
U6
74AS32
6
4
5
U6
74AS32
11
13
12
CLK
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
H40DMC
J3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J5
–5.2V
J6
+5V
J7
GND
C3
10 F
20%
35V
C14
0.1 F
C15
0.1 F
C16
0.1 F
C17
0.1 F
C18
0.1 F
C19
0.1 F
C20
0.1 F
C21
0.1 F
–5.2V
Figure 12. AD9022/PCB Evaluation Board Schematic


Podobny numer części - AD9022SQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
More results

Podobny opis - AD9022SQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
logo
Honeywell Solid State E...
HMXADC9225 HONEYWELL-HMXADC9225 Datasheet
278Kb / 11P
   Radiation Hardened 12-Bit, 20 MSPS Monolithic A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com