Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KATC-0814 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części KATC-0814
Szczegółowy opis  Wide Band PIN Diode Attenuator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

KATC-0814 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  KATC-0814 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KATC-0814
PIN Diode Attenuator
2003-01
,
KATC-0814
Wide Band
PIN Diode Attenuator
Feature
KATC-0814 is a Voltage Controled Attenuator
which contains a PIN diode attenuator and a
current control circuit. It shows the flat attenuation
for frequency and the linearity for control voltage.
0.256" x 0.197" size is realized by adopting
leadless package.
This Hybrid IC can be matched to any frequency
or bias condition for your requirement.
Wide Band (800 to 5,800 MHz)
Low Distortion
High Isolation
Miniaturized Package
Electrical Specifications
Bias Voltage=5V,Control Voltage=0 to 5V
Value
0.8 to 2.4 GHz
0.8 to 5.8 GHz
0.8 to 2.4 GHz
4.9 to 5.8 GHz
4.9 to 5.8 GHz
Frequency
Range
MAX
MIN
TYP
dB
dB
dB
Parameter
Insertion Loss
Unit
Isolation
Deflection
(@15dB)
3.5
4.0
0.4
0.5
0.4
0.5
4.5
28
30
5.0
Pin Out and Functional Schematic
1,000pF*
1,000pF*
1
2
3
4
5
6
RF1
RF2
Control
Bias
KHLC-04d
KHLC-04d
* Tama Electric Co. : SHDC
Attenuation vs Frequency
-10
-20
-30
0
1
Frequency (GHz)
2
3
4
5
6
0
Insertion Loss
Isolation
Attenuation vs Control Voltage
-10
-20
-30
0
1
Control Voltage (V)
2
3
5
4
0
f=2.4GHz
Package Outline
(UNIT : inch)
0.1
0.036
0.212
0.1 0.004
0.256 0.004
1
2
3
4
5
6
+
-
+
-


Podobny numer części - KATC-0814

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
KAT-0 MINI-KAT-0 Datasheet
231Kb / 4P
   Fixed Attenuator
KAT-0++ MINI-KAT-0+ Datasheet
231Kb / 4P
   Fixed Attenuator
KAT-0-D MINI-KAT-0-D Datasheet
292Kb / 4P
   Fixed Attenuator Die
KAT-1 MINI-KAT-1 Datasheet
231Kb / 4P
   Fixed Attenuator
KAT-1++ MINI-KAT-1+ Datasheet
231Kb / 4P
   Fixed Attenuator
More results

Podobny opis - KATC-0814

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
UM9552 MICROSEMI-UM9552 Datasheet
105Kb / 4P
   PIN DIODE ATTENUATOR
logo
Merrimac Industries, In...
AEF-35A-500 MERRIMAC-AEF-35A-500 Datasheet
94Kb / 1P
   PIN DIODE ATTENUATOR
logo
NXP Semiconductors
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
   Quad PIN diode attenuator
Rev. 2-6 March 2012
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
   PIN Diode ? Quad Attenuator
logo
Advanced Semiconductor
5082-3188 ASI-5082-3188 Datasheet
16Kb / 1P
   BAND SWITCHING PIN DIODE
5082-3188 ASI-5082-3188_05 Datasheet
33Kb / 1P
   BAND SWITCHING PIN DIODE
logo
DAICO Industries, Inc.
DA0769 DAICO-DA0769 Datasheet
163Kb / 1P
   PIN Diode 5 Section Attenuator
DA0660 DAICO-DA0660 Datasheet
170Kb / 1P
   PIN Diode 5 Section Attenuator
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com