Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM181E1 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części LM181E1
Szczegółowy opis  18 SXGA TFT LCD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM181E1 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  LM181E1 Datasheet HTML 1Page - NXP Semiconductors LM181E1 Datasheet HTML 2Page - NXP Semiconductors LM181E1 Datasheet HTML 3Page - NXP Semiconductors LM181E1 Datasheet HTML 4Page - NXP Semiconductors LM181E1 Datasheet HTML 5Page - NXP Semiconductors LM181E1 Datasheet HTML 6Page - NXP Semiconductors LM181E1 Datasheet HTML 7Page - NXP Semiconductors LM181E1 Datasheet HTML 8Page - NXP Semiconductors LM181E1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LM181E1-H2MN
Liquid Crystal Display
Product Specification
Ver 0.3
July 5, 2000
Page 2/24
CONTENTS
NO.
ITEM
Page
-
COVER
1
-
CONTENTS
2
-
RECORD OF REVISION
3
1
GENERAL DESCRIPTION
4
2
MAXIMUM RATINGS
5
3
ELECTRICAL SPECIFICATIONS
6
3-1
ELECTRICAL CHARACTERISTICS
6
3-2
INTERFACE CONNECTION
7
3-3
SIGNAL TIMING SPECIFICATIONS
9
3-4
SIGNAL TIMING WAVE FORMS
10
3-5
COLOR INPUT DATA REFERENCE
11
3-6
POWER SEQUENCE
12
4
OPTICAL SPECIFICATIONS
13
5
MECHANICAL CHARACTERISTICS
15
6
RELIABILITY
18
7
INTERNATIONAL STANDARDS
19
7-1
SAFETY
19
7-2
EMC
19
8
PACKING
20
8-1
DESIGNATION OF LOT MARK
20
8-2
PACKING FORM
20
9
PRECAUTIONS
21
APPENDIX
23
A-1
OPTICAL CHARACTERISTIC MEASUREMENT EQUIPMENT AND METHOD
23
A-2
LUMINANCE
23
A-3
RESPONSE TIME
23
A-4
VIEWING ANGLE
24
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2


Podobny numer części - LM181E1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
LM181E06 PHILIPS-LM181E06 Datasheet
627Kb / 26P
   SPECIFICATION FOR APPROVAL
APR.07, 2002
More results

Podobny opis - LM181E1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AAEON Technology
AMB-280A AAEON-AMB-280A Datasheet
761Kb / 2P
   18" TFT SXGA LCD
logo
LG Semicon Co.,Ltd.
LB170E01-SL01 LG-LB170E01-SL01 Datasheet
1Mb / 33P
   17??SXGA TFT LCD
LM170E01 LG-LM170E01 Datasheet
614Kb / 28P
   17.0 SXGA TFT LCD
logo
AAEON Technology
OPD-217A AAEON-OPD-217A Datasheet
244Kb / 2P
   17??TFT SXGA LCD
logo
Axiomtek Co., Ltd.
P1177S-881 AXIOMTEK-P1177S-881 Datasheet
421Kb / 2P
   17 SXGA TFT LCD display
logo
AU Optronics Corp.,
M170EG01VD AUO-M170EG01VD Datasheet
554Kb / 25P
   17.0inch SXGA Color TFT-LCD
logo
List of Unclassifed Man...
M170EG01VA ETC2-M170EG01VA Datasheet
321Kb / 26P
   17.0??SXGA Color TFT-LCD
logo
AU Optronics Corp.,
M190EG01V0 AUO-M190EG01V0 Datasheet
355Kb / 31P
   19.0inch SXGA Color TFT-LCD
logo
Axiomtek Co., Ltd.
P1197E-500 AXIOMTEK-P1197E-500 Datasheet
428Kb / 2P
   19 SXGA TFT LCD display
logo
AU Optronics Corp.,
G190EAN01.0 AUO-G190EAN01.0 Datasheet
2Mb / 30P
   19.0inch SXGA Color TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com