Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC740-430E Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części MC740-430E
Szczegółowy opis  47-Gb/s 4:1 Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

MC740-430E Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  MC740-430E Datasheet HTML 1Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 2Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 3Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 4Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 5Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 6Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 7Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 8Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
- 1 -
NEL
MD-01-4-43-75-482
May 8, 2002
Preliminary
MC740-430E
47-Gb/s 4:1 Multiplexer
The MC740-430E is an engineering sample of 47-Gb/s signal generator.
It consists of a 4:1
multiplexer (MUX), D-type flipflop (D-FF), and clock distribution unit based on 0.1-
µm InP-HEMT
devices.
Four-parallel data inputs are multiplexed to 47-Gb/s data by using 47- and 11.75-GHz
clock signals.
At the output stage, the D-FF regenerates the muliplexed data with the 47-GHz clock
signal and offers symmetrical eye openings.
The MC740-430E has SCFL (Source Coupled FET
Logic) I/O and can be directly connected to a pulse pattern generator.
FEATURES
Operating range:
38 to 47 Gb/s (min.) (note)
Signal regeneration with full-rate clock signal
Large output amplitude:
SCFL I/O (VOHD = 0V, VOLD = -0.9V, typ.)
Single power supply voltage: DC -6 V
(note) 50-Gb/s operation is optional.
APPLICATIONS
Parallel-to-serial converters, Test equipments
FUNCTION DIAGRAM
Fig. 1.
Function diagram.
Latching stage
4:1 MUX
50
50
75
10-dB
ATT
75
75
50
Clock Distributor
65
DATA 3, 2, 1, 0
4
2
CLK10
CLK10
DATA
DATA
CLK40
CLK40
40Gb/s
(mon.)
20Gb/s
(mon.)
φshifter
50
D-FF
2


Podobny numer części - MC740-430E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC7400 ONSEMI-MC7400 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
List of Unclassifed Man...
MC74005N ETC-MC74005N Datasheet
150Kb / 2P
   8-function calculator unit co-operating with LED display
MC74007N ETC-MC74007N Datasheet
150Kb / 2P
   8-function calculator unit co-operating with LED display
logo
Motorola, Inc
MC7403L MOTOROLA-MC7403L Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
MC7403P MOTOROLA-MC7403P Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
More results

Podobny opis - MC740-430E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
M8061A KEYSIGHT-M8061A Datasheet
1Mb / 13P
   M8061A 32 Gb/s Multiplexer with De-Emphasis
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
National Semiconductor ...
DM54LS453 NSC-DM54LS453 Datasheet
61Kb / 3P
   QUAD 4:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171 Datasheet
101Kb / 4P
   3-BIT 4:1 MULTIPLEXER
REV 2
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Integrated Device Techn...
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
   4:1, SINGLE-ENDED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com