Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV212AV32 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części MTV212AV32
Szczegółowy opis  8051 Embedded Monitor Controller Mask ROM Type
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

MTV212AV32 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV212AV32 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV212AV32 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212AV32 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212AV32 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212AV32 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212AV32 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212AV32 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212AV32 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212AV32 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MYSON
TECHNOLOGY
MTV212A32
(Rev. 1.2)
8051 Embedded Monitor Controller
Mask ROM Type
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without
notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Revision 1.2
- 1 -
2000/07/04
FEATURES
8051 core, 12MHz operating frequency.
512-byte RAM, 32K-byte program Mask-ROM.
Maximum 14 channels of 5V open-drain PWM DAC.
Maximum 31 bi-directional I/O pins.
SYNC processor for composite separation/insertion, H/V polarity/frequency check, polarity adjustment
and programmable clamp pulse output.
Built-in self-test pattern generator with four free-running timings.
Built-in low power reset circuit.
Compliant with VESA DDC1/2B/2Bi/2B+ standard.
Dual slave IIC addresses.
Single master IIC interface for internal device communication.
3-channel 6-bit ADC.
Watchdog timer with programmable interval.
40-pin DIP, 42-pin SDIP or 44-pin PLCC package.
GENERAL DESCRIPTIONS
The MTV212A32 micro-controller is an 8051 CPU core embedded device specially tailored to Monitor
applications. It includes an 8051 CPU core, 512-byte SRAM, SYNC processor, 14 built-in PWM DACs,
VESA DDC interface, 3-channel A/D converter and a 32K-byte internal program Mask-ROM.
BLOCK DIAGRAM
P1.0-7
P2.0-2,P2.4-7
P3.4-5
X1
P0.0-7
RD
WR
ALE
INT1
X2
8051
CORE
P3.0-2
RST
P0.0-7
RD
WR
ALE
INT1
XFR
STOUT
HBLANK
VBLANK
HSYNC
VSYNC
HCLAMP
HALFV
HALFH
H/VSYNC
CONTROL
ISCL
ISDA
HSCL
HSDA
DDC & IIC
INTERFACE
ADC
AD0-2
14 CHANNEL
PWM DAC


Podobny numer części - MTV212AV32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV212A16 ETC1-MTV212A16 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212A16 ETC2-MTV212A16 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A24 ETC1-MTV212A24 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212A24 ETC2-MTV212A24 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC1-MTV212A32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Podobny opis - MTV212AV32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com