Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC164-JRGI356K Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części TC164-JRGI356K
Szczegółowy opis  CHIP RESISTORS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

TC164-JRGI356K Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

  TC164-JRGI356K Datasheet HTML 1Page - List of Unclassifed Manufacturers TC164-JRGI356K Datasheet HTML 2Page - List of Unclassifed Manufacturers TC164-JRGI356K Datasheet HTML 3Page - List of Unclassifed Manufacturers TC164-JRGI356K Datasheet HTML 4Page - List of Unclassifed Manufacturers TC164-JRGI356K Datasheet HTML 5Page - List of Unclassifed Manufacturers TC164-JRGI356K Datasheet HTML 6Page - List of Unclassifed Manufacturers TC164-JRGI356K Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.yageo.com
Mar. 24, 2004 V.4
Chip Resistor Surface Mount
6
7
SERIES
TC
164
TYPE
TEST METHOD
ACCEPTANCE STANDARD
Moisture
Resistance
Place the specimen in the test chamber and subject to 42 damp heat cycles. Each
one of which consists of the steps 1 to 7 as figure 9. The total length of test is 1,000
hours. Have the specimen stabilized at room temperature for 24 hours after testing.
Measure the resistance to determine
R/R(%).
Δ
±(2.0%+0.05Ω)
No visible damage
Life
Place the specimen in the oven at 70±2°C. Apply the rated voltage to the specimen
at the 1.5 hours on and 0.5 hour off cycle. The total length of test is 1,000 hours.
Have the specimen stabilized at room temperature for one hour minimum after
testing.
Measure the
R/R(%).
Δ
±(3.0%+0.1Ω)
No visible damage
Solderability
Immerse the specimen in the solder pot at 235±5°C for 5 sec.
At least 95% solder coverage on
the termination
Bending
Strength
Mount the specimen on a test board as
shown in the figure 8. Slowly apply the force
till the board is bent for 5±1 sec.
Measure the
R/R(%) at this position.
Δ
Type
TC164
Bent Distance (d)
1mm
±(1.0%+0.05Ω)
No visible damage
Fig. 8 Principle of the bending
test


Podobny numer części - TC164-JRGI356K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAGEO Corporation
TC164-JR-011K2L YAGEO-TC164-JR-011K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070R YAGEO-TC164-JR-070R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
   Chip Resistor Surface Mount
TC164-JR-0710R YAGEO-TC164-JR-0710R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-071K YAGEO-TC164-JR-071K Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results

Podobny opis - TC164-JRGI356K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com