Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N2807B Arkusz danych(PDF) 1 Page - Microsemi Corporation

Numer części 1N2807B
Szczegółowy opis  50 Watt Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N2807B Arkusz danych(HTML) 1 Page - Microsemi Corporation

  1N2807B Datasheet HTML 1Page - Microsemi Corporation 1N2807B Datasheet HTML 2Page - Microsemi Corporation 1N2807B Datasheet HTML 3Page - Microsemi Corporation 1N2807B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
50 Watt Zener Diodes
SCOTTSD A L E DIVISION
1N2804 thru 1N2846B and
1N4557 thru 1N4564B
DESCRIPTION
APPEARANCE
These high power 50 W Zener diodes represented by the JEDEC registered
1N2804 thru 1N2846B and 1N4557 thru 1N4564B series provide voltage
regulation in a selection over a 3.9 V to 200 V broad range of voltages. They
may be operated up to 50 W with adequate mounting and heat sinking with
their low thermal resistance. These Zeners are also available in JAN,
JANTX, JANTXV military qualifications. Microsemi also offers numerous
other Zener products to meet higher and lower power applications.
TO-3
(TO-204AD)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
JEDEC registered 1N2804 thru 1N2846B and
1N4557 thru 1N4564B
Internal solder bond construction
Hermetically sealed (welded)
Zener Voltage 3.9V to 200V.
Also available in JAN, JANTX, and JANTXV
qualifications per MIL-PRF-19500/114 by adding the
JAN, JANTX, or JANTXV prefixes to part numbers
for desired level of screening; (e.g.
JANTX1N2804B, etc.
Standard polarity is anode to case
Reverse polarity with cathode to case by designating
R suffix in part number, e.g. 1N2804RB, etc.
Consult factory for surface mount equivalents
Regulates voltage over a broad operating
current and temperature range
Standard voltage tolerances are +/- 5% with B
suffix, +/-10% with an A suffix, and +/-20% with no
suffix
Consult factory for +/-2% or +/-1% with a C or D
suffix respectively
Reverse polarity available
Nonsensitive to ESD per MIL-STD-750 Method
1020
Inherently radiation hard as described in
Microsemi MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Junction Temperatures: -65
oC to +175oC
Storage Temperatures: -65
oC to +200oC
DC Power Dissipation: 50 watts at TC < 75
oC
Power Derating: 0.5W/
oC above 75oC
Forward Voltage @ 10 A: 1.5 Volts
THERMAL RESISTANCE: 2.0
oC/W maximum
junction to base (1.5
oC/W typical)
Solder temperatures: 260
oC for 10 s (max)
CASE: Industry Standard TO-3 (TO-204AD),
hermetically sealed, 0.052 inch diameter pins.
FINISH: All external surfaces are corrosion
resistant and terminal solderable.
POLARITY: Standard Polarity units are connected
anode to case. Reverse polarity (cathode to case)
is indicated by Suffix R in part number
WEIGHT: 15 grams.
MOUNTING HARDWARE: Consult factory for
optional insulator and sheet metal screws
See package dimensions on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
11-12-2003 REV A


Podobny numer części - 1N2807B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N2807B MICROSEMI-1N2807B Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
1N2807B MICROSEMI-1N2807B Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N2807B NJSEMI-1N2807B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
More results

Podobny opis - 1N2807B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com