Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34921AE Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części MC34921AE
Szczegółowy opis  Configurable Motor Driver IC with Power Supplies
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

MC34921AE Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  MC34921AE Datasheet HTML 1Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 2Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 3Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 4Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 5Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 6Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 7Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 8Page - List of Unclassifed Manufacturers MC34921AE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
MC34921
Rev 4.0, 06/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
*This document contains information on a product under development.
Specifications and information herein are subject to change without notice.
Configurable Motor Driver IC
with Power Supplies
The 34921 power IC integrates multiple motor drivers, multiple
power regulators, and most other analog functions a small consumer
motion-enabled product needs. The 34921’s circuitry is fully protected
with current limiting, short-circuit shutdown, over-temperature, over-
voltage, and under-voltage detection. Supervisory functions can be
read and programmed through a 8-MHz Serial Interface.
A 5.0 V dual-mode (linear or switching) voltage regulator, 3.3 V
switching buck regulator, and a voltage-selectable (1.5 V, 1.8 V, 2.5 V)
linear regulator provide power management. Two H-Bridges and a
configurable motor driver are provided for controlling two dc motors
and one unipolar stepper motor.
The highly integrated 34921 brings together sensing,
communication, power management, system protection, and motor
control in one device.
Features
• Two Functionally Identical Pulse-Width Modulated (PWM) DC Motor
Drivers
• One Switching, One Linear, and One Dual-Mode Regulator
• Dual Mode Switching/Linear 5.0 V Regulator
• Supervisory Functions (Power-ON Reset and Error Reset Circuitry)
• 8-Channel, 8-Bit Analog-to-Digital Converter (ADC)
• Charge Pump for High-Side MOSFET Drive
• Complete Support for Analog Quadrature Encoder
• Pb Free package is designated by suffix AE
Figure 1. 34921 Simplified Application Diagram
MOTOR DRIVERS & POWER SUPPLIES
34921
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34921AE/R2
0°C to 70°C
64 LQFP-EP
AE SUFFIX (Pb FREE)
98ARH98426A
64-LEAD LQFP-EP
B+
B+
34921
GATEOUT
5.0 V
3.3 V
VCORE
Serial
Ports
A/D
Inputs
SA/CDCMA
SB/LSOUT1
SA/CDCMB
SB/LSOUT2
B+
MCU
5.0 V / 3.3 V
High-Side
MOSFET
B
A
A
B
Step
Motor
B+
MISO
MOSI
SCLK
CE
CPWMA
CPWMB
DC
Motor
ADCMA
ADCMB
APWM
DC
Motor
BDCMA
BDCMB
BPWM
DGND
GND
AN0
AN3
A
B
C


Podobny numer części - MC34921AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34921AE FREESCALE-MC34921AE Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
MC34921AER2 FREESCALE-MC34921AER2 Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
More results

Podobny opis - MC34921AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
34921 FREESCALE-34921 Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com