Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBSG53AMNR2 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części NBSG53AMNR2
Szczegółowy opis  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53AMNR2 Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button NBSG53AMNR2 Datasheet HTML 2Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 3Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 4Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 5Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 6Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 7Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 8Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 9Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NBSG53A
http://onsemi.com
6
Table 8. DC CHARACTERISTICS, INPUT WITH PECL OUTPUT VCC = 3.3 V; VEE = 0 V (Note 14)
−40
°C
25
°C
70
°C(BGA)/85°C(QFN)***
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
35
47
59
35
47
59
35
47
59
mA
VOH
Output HIGH Voltage (Note 15)
2260
2310
2360
2290
2340
2390
2315
2365
2415
mV
VOL
Output LOW Voltage (Note 15)
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
1320
2030
1550
2260
1785
1470
2090
1670
2310
1875
1620
2150
1790
2360
1965
1360
2065
1585
2290
1820
1510
2125
1705
2340
1910
1660
2185
1825
2390
2000
1390
2090
1615
2315
1850
1540
2150
1735
2365
1940
1690
2210
1855
2415
2030
mV
VOUTPP
Output Amplitude Voltage
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
750
130
550
0
345
840
220
640
0
435
740
125
545
0
340
830
215
635
0
430
735
125
540
0
335
825
215
630
0
425
mV
VIH
Input HIGH Voltage (Single−Ended)
(Notes 17 and 19)
CLK, CLK, D, D
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
(Notes 18 and 19)
CLK, CLK, D, D
VIH
2600
VCC
1400*
VIH
150
VIH
2600
VCC
1400*
VIH
150
VIH
2600
VCC
1400*
VIH
150
mV
VIH
Input High Voltage (Single−Ended)
R, SEL
2090
VCC
2155
VCC
2215
VCC
mV
VIL
Input Low Voltage (Single−Ended)
R, SEL
VEE
1690
VEE
1755
VEE
1815
mV
VTHR
Input Threshold Voltage
(Single−Ended) (Note 19)
VEE+
1125
VCC
75
VEE+
1125
VCC
75
VEE+
1125
VCC
75
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 16)
1.2
3.3
1.2
3.3
1.2
3.3
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@VIH)
R, SEL
CLK, CLK, D, D
35
5
100
50
35
5
100
50
35
5
100
50
mA
IIL
Input LOW Current (@VIL)
R, SEL
CLK, CLK, D, D
20
5
100
50
20
5
100
50
20
5
100
50
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
14. Input and output parameters vary 1:1 with VCC. VEE can vary +0.925 V to −0.165 V.
15. All outputs loaded with 50
W to VCC − 2.0 V.
16. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
17. VIH cannot exceed VCC. |VIH − VTHR| < 2600 mV.
18. VIL always w VEE. |VIL − VTHR| < 2600 mV.
19. VTHR is the voltage applied to one input when running in single−ended mode.
*Typicals used for testing purposes.
**When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
***The device packaged in FCBGA−16 have maximum ambient temperature specification of 70
°C and devices packaged in QFN−16 have
maximum ambient temperature specification of 85
°C.


Podobny numer części - NBSG53AMNR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG53AMNR2 ONSEMI-NBSG53AMNR2 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53AMNR2G ONSEMI-NBSG53AMNR2G Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53AMNR2G ONSEMI-NBSG53AMNR2G Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
More results

Podobny opis - NBSG53AMNR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A_06 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com